Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
Rev. 1.30
54
May 17, 2022
Rev. 1.30
55
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
CPnN
CnVO
-
+
S1
S2
S3
-
+
CnVO
Vr
CPnP
Comparator (n=0~3)
Comparator registers
Full control over the internal comparator is provided via the control registers, CMP0C, CMP1C,
CMP2C, CMP3C, and CMPSC. These registers are used to select the input path and the offset
voltage cancellation function.
Register
Name
Bit
7
6
5
4
3
2
1
0
CMP0C
C0CMPOP C0COFM
C0CRS
C0COF4
C0COF3
C0COF2
C0COF1
C0COF0
CMP1C
C1CMPOP C1COFM
C1CRS
C1COF4
C1COF3
C1COF2
C1COF1
C1COF0
CMP2C
C2CMPOP C2COFM
C2CRS
C2COF4
C2COF3
C2COF2
C2COF1
C2COF0
CMP3C
C3CMPOP C3COFM
C3CRS
C3COF4
C3COF3
C3COF2
C3COF1
C3COF0
CMPSC
C3HYSON C2HYSON C1HYSON C0HYSON
—
—
C1CTL
C0N2AN9
Comparators Register List
• CMP0C Register
Bit
7
6
5
4
3
2
1
0
Name
C0CMPOP C0COFM C0CRS C0COF4 C0COF3 C0COF2 C0COF1 C0COF0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
0
0
0
0
Bit 7
C0CMPOP: Comparator 0 positive logic output
Bit 6
C0COFM: Input offset voltage cancellation mode and comparator mode selection
0: Comparator mode
1: Input offset voltage cancellation mode
Bit 5
C0CRS: Comparator 0 input offset voltage cancellation reference selection bit
0: Select CP0N as the reference input
1: Select CP0P as the reference input
Bit 4~0
C0COF4~C0COF0: Comparator 0 input offset voltage cancellation control bits
• CMP1C Register
Bit
7
6
5
4
3
2
1
0
Name
C1CMPOP C1COFM C1CRS C1COF4 C1COF3 C1COF2 C1COF1 C1COF0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
0
0
0
0
Bit 7
C1CMPOP: Comparator 1 positive logic output
Bit 6
C1COFM: Input offset voltage cancellation mode and comparator mode selection
0: Comparator mode
1: Input offset voltage cancellation mode
Bit 5
C1CRS: Comparator 1 input offset voltage cancellation reference selection bit
0: Select CP1N as the reference input
1: Select CP1P as the reference input
Bit 4~0
C1COF4~C1COF0: Comparator 1 input offset voltage cancellation control bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com