Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
Rev. 1.30
50
May 17, 2022
Rev. 1.30
51
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Programmable Pulse Generator
The device provides a 9-bit PPG output channel. The PPG has a programmable period of 512×T,
where T is 1/fSYS for an output pulse width. The PPG pulse width could be limited with using pulse
width limiter timer.
The PPG detects a trigger input, and outputs a single pulse. The trigger source may come from
INT00 falling edge or software trigger bit, which can be configured by software. The PPG can
output an active low or active high pulse by setting the configuration option. The PPG output is
floating when VDD is between 0.6V and 1.2V, Reset occurs, and the PPG is inactive; an external pull-
high or pull-low resistor depended on polarity configuration option is need.
CP 1N
IN T
Pr el oad R eg is te r B
PPG T im er ( 9 bi t)
Re lo ad
PP G
Ou tp ut
Logi c
PP G Ti me r On / Of f
c on fi gu ra ti on
Da ta bus
Ov er fl ow
PPG M ode
C on tr ol
M
U
X
t ri gger e d ge c ont ro l
ri si ng or f al lg i ng se le ct io n
f PP G
f SY S
PP G st ar t st ar t SYN C op ti on
PPG a ct iv e (S yn c mo de)
PPG
st ar t
PPG
st op
PS T
CP 0P
CP 0N
PW L
C1 VO B
C0 VO
de- bounc e
Pr el oad R eg is te r A
RL BF = 0 , re l oad fr om A
RL BF = 1 , re l oad fr om B
( RL BF i s se t by C 1V O fa lli ng
edge i f C1 CT L= 0,
cl ear ed by s of tw ar e )
re lo ad c ont ro l
IN T0 0
PP GO UT
PP G_ st ar t
PP GO UT
one s hot
SET _T 1O N
IN H
PW L
DB C5 ~0
IN TS
PSPEN
RL BF
co nt ro l
M
U
X
CL R_ PR SE N
one s hot
No te : PR SE N wi ll be cl ear ed by th e
fa llin g e dge o f C2 VO B or C 3V OB
PR SEN
CL R_ PR SE N
PR SEN
c on tr ol
CP 2N
C2 VO
CP 1P
CP 2P
one s hot
C1 RL EN
Pu ls e Wi dt h Li mi t Ti me r
(P WL T)
f SY S / 2
R
SQ
Pu ls e Wi dt h Li mi t Ti me r
Pr el oad R eg is te r
Ov er fl ow
Re l oad
PW L
Re l oad
PW L
IN TI NV
M
U
X
tr i ger
del ay
f SY S
f SY S
IN T0
VR 1
+
-
+
-
+
-
CM P0
CM P1
CM P2
VR 2
VR 3
AN 9
PP G
1. Fl oa ti ng f or re se t, i na ct iv e, a nd a c ondi ti on
0 .6 V< V DD< 1. 2V
2. Hi / Lo b y co nf i gur at io n op ti on f or a ct iv e
C2 VO IN V
M
U
X
IO FF
Ou tp ut
Logi c
IO FF
1. Fl oa ti ng f or re se t
2. Hi / Lo w hen PP G in ac ti ve / ac ti ve
C1 CT L
C2 VO B
PPG DL 5~ 0
tr i ger
m ode
TR GM OD
IN T0 S
.... .
C3 VO
+
-
CM P3
VR 4
C3 VO IN V
M
U
X
CP 0P
CP 3N
C3 VO B
D eboun ce
0. 5u s
De boun ce
0. 5u s
D ebounc e
0. 5u s
CM P3 D ebounc e E nabl e
(C on fi gur at i on)
CM P2 D ebounc e On
(C on fi gur at i on)
CM P1 D ebounc e On
(C on fi gur at i on)
CM P0 / 1/ 2
E nabl e
C onf i gur at io n
O PAO
C1 VO
PPG Block Diagram
The PPG module consists of one PPG timer, one PPG Mode Control and four comparators. The PPG
timer consists of one 9-bit up-counter timer, and two 9-bit preload data registers. The programmable
pulse generator PPG starts counting at the current contents in the preload register and ends at
“1FFH → 000H”. A “000H” data write to the PPGTA and PPGTB register yields a pulse width
512×T output. Once an overflow occurs, the counter is reloaded from the PPG timer counter preload
register, and generates a signal to stop the PPG timer. The software trigger bit PST will be cleared
when the PPG timer overflow occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com