Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA396
Description  OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA396 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 17Page - Texas Instruments OPA396 Datasheet HTML 18Page - Texas Instruments OPA396 Datasheet HTML 19Page - Texas Instruments OPA396 Datasheet HTML 20Page - Texas Instruments OPA396 Datasheet HTML 21Page - Texas Instruments OPA396 Datasheet HTML 22Page - Texas Instruments OPA396 Datasheet HTML 23Page - Texas Instruments OPA396 Datasheet HTML 24Page - Texas Instruments OPA396 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Then, find the available output swing range greater than the reference voltage available for the measurement:
VSWING=VOUTMAX−VZERO=2.5V−0.3V=2.2V
(4)
where
• VSWING is the expected change in output voltage.
• VOUTMAX is the maximum amplifier output swing.
Finally, calculate the transimpedance resistor (RF) value using the maximum swing and the maximum sensor
current:
RF= VSWING
ISENSMAX= 2.2V20.7μA=106.28kΩ use 110kΩ for a common value
(5)
7.2.1.3 Application Curve
Time (10 ms/div)
0.3 V
2.5 V
20 PA
C012
VTIA
VCE
ISENS
Figure 7-3. Sensor Transient Response to Simulated 300ppm CO Exposure
www.ti.com
OPA396, OPA2396, OPA4396
SBOSA65A – JULY 2021 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA396 OPA2396 OPA4396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com