Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA396
Description  OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA396 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 8Page - Texas Instruments OPA396 Datasheet HTML 9Page - Texas Instruments OPA396 Datasheet HTML 10Page - Texas Instruments OPA396 Datasheet HTML 11Page - Texas Instruments OPA396 Datasheet HTML 12Page - Texas Instruments OPA396 Datasheet HTML 13Page - Texas Instruments OPA396 Datasheet HTML 14Page - Texas Instruments OPA396 Datasheet HTML 15Page - Texas Instruments OPA396 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = 5.0V, VCM = VS / 2, RLOAD = 10kΩ connected to VS / 2, and CL = 100pF (unless otherwise noted)
Temperature (qC)
-50
-25
0
25
50
75
100
125
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
C004
5 units
Figure 5-19. CMRR vs Temperature
Temperature (qC)
-50
-25
0
25
50
75
100
125
-40
-30
-20
-10
0
10
20
30
40
C032
5 units
Figure 5-20. PSRR vs Temperature
Time (1 s/div)
C028
VOUT
Figure 5-21. 0.1Hz to 10Hz Noise
Frequency (Hz)
10
100
1000
10000
100m
1
10
100
1k
10k
100k
C036
Figure 5-22. Input Voltage Noise Spectral Density vs Frequency
Frequency (Hz)
0.001
0.01
0.1
1
5
5
200
2k
-100
-80
-60
-40
C035
G = –1, 10-kΩ Load
G = –1, 100-kΩ Load
G = +1, 10-kΩ Load
G = +1, 100-kΩ Load
VOUT = 1VRMS
Figure 5-23. THD+N Ratio vs Frequency
Output Amplitude (VRMS)
0.002
0.01
0.1
1
10m
100m
1
-80
-60
-40
C034
G = –1, R = 10 kΩ
L
G = +1, R = 10 kΩ
L
G = –1, R = 100 kΩ
L
G = +1, R = 100 kΩ
L
f = 1kHz, filter BW = 80kHz
Figure 5-24. THD+N vs Output Amplitude
OPA396, OPA2396, OPA4396
SBOSA65A – JULY 2021 – REVISED MARCH 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA396 OPA2396 OPA4396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com