Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA396
Description  OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA396 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 9Page - Texas Instruments OPA396 Datasheet HTML 10Page - Texas Instruments OPA396 Datasheet HTML 11Page - Texas Instruments OPA396 Datasheet HTML 12Page - Texas Instruments OPA396 Datasheet HTML 13Page - Texas Instruments OPA396 Datasheet HTML 14Page - Texas Instruments OPA396 Datasheet HTML 15Page - Texas Instruments OPA396 Datasheet HTML 16Page - Texas Instruments OPA396 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = 5.0V, VCM = VS / 2, RLOAD = 10kΩ connected to VS / 2, and CL = 100pF (unless otherwise noted)
Supply Voltage (V)
0
1
2
3
4
5
6
0
6
12
18
24
30
C024
5 units
Figure 5-25. Quiescent Current vs Supply Voltage
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
20
22
24
26
28
30
32
34
C025
5 units
Figure 5-26. Quiescent Current vs Temperature
Temperature (qC)
-50
-25
0
25
50
75
100
125
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
C002
5 units
Figure 5-27. Open-Loop Gain vs Temperature
Frequency (Hz)
0.1
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
C047
Figure 5-28. Open-Loop Output Impedance vs Frequency
Output Capacitance (pF)
10
100
1000
20
25
30
35
40
45
50
55
60
C016
RISO = 0 :
RISO = 25 :
RISO = 50 :
G = +1
Figure 5-29. Small-Signal Overshoot vs Capacitive Load
(10mV Step)
Output Capacitance (pF)
10
100
1000
0
20
40
60
80
C017
RISO = 0 :
RISO = 25 :
RISO = 50 :
G = –1
Figure 5-30. Small-Signal Overshoot vs Capacitive Load
(10mV Step)
www.ti.com
OPA396, OPA2396, OPA4396
SBOSA65A – JULY 2021 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA396 OPA2396 OPA4396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com