Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA396
Description  OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA396 Datasheet(HTML) 4 Page - Texas Instruments

  OPA396 Datasheet HTML 1Page - Texas Instruments OPA396 Datasheet HTML 2Page - Texas Instruments OPA396 Datasheet HTML 3Page - Texas Instruments OPA396 Datasheet HTML 4Page - Texas Instruments OPA396 Datasheet HTML 5Page - Texas Instruments OPA396 Datasheet HTML 6Page - Texas Instruments OPA396 Datasheet HTML 7Page - Texas Instruments OPA396 Datasheet HTML 8Page - Texas Instruments OPA396 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
OUT A
14
OUT D
2
±IN A
13
±IN D
3
+IN A
12
+IN D
4
V+
11
V±
5
+IN B
10
+IN C
6
±IN B
9
±IN C
7
OUT B
8
OUT C
Not to scale
Figure 4-3. OPA4396 PW Package
14-Pin TSSOP
Top View
Table 4-3. Pin Functions: OPA4396
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
PW (TSSOP)
–IN A
2
I
Inverting input, channel A
–IN B
6
I
Inverting input, channel B
–IN C
9
I
Inverting input, channel C
–IN D
13
I
Inverting input, channel D
+IN A
3
I
Noninverting input, channel A
+IN B
5
I
Noninverting input, channel B
+IN C
10
I
Noninverting input, channel C
+IN D
12
I
Noninverting input, channel D
EN AB
—
I
Enable pin for A and B amplifiers. High = amplifiers A and B are enabled.
EN CD
—
I
Enable pin for C and D amplifiers. High = amplifiers C and D are enabled.
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
OUT C
8
O
Output, channel C
OUT D
14
O
Output, channel D
Thermal Pad
—
—
Connect thermal pad to V–
V–
11
—
Negative (lowest) power supply
V+
4
—
Positive (highest) power supply
(1)
I = Input; O=Output
OPA396, OPA2396, OPA4396
SBOSA65A – JULY 2021 – REVISED MARCH 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA396 OPA2396 OPA4396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com