Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA396
Description  OPAx396 Precision, Low IQ, Low Input Bias Current Op Amps
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA396 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 6Page - Texas Instruments OPA396 Datasheet HTML 7Page - Texas Instruments OPA396 Datasheet HTML 8Page - Texas Instruments OPA396 Datasheet HTML 9Page - Texas Instruments OPA396 Datasheet HTML 10Page - Texas Instruments OPA396 Datasheet HTML 11Page - Texas Instruments OPA396 Datasheet HTML 12Page - Texas Instruments OPA396 Datasheet HTML 13Page - Texas Instruments OPA396 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = 5.0V, VCM = VS / 2, RLOAD = 10kΩ connected to VS / 2, and CL = 100pF (unless otherwise noted)
Frequency (Hz)
-40
-90
-20
-60
0
-30
20
0
40
30
60
60
80
90
100
120
120
150
140
180
10m 100m
1
10
100
1k
10k
100k
1M
10M
Gain
Phase
RL = no load
Figure 5-7. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-20
-10
0
10
20
30
100
1k
10k
100k
1M
10M
C003
G = 1
G = 1
G = 10
Figure 5-8. Closed-Loop Gain and Phase vs Frequency
Common-mode Voltage (V)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
-40
-30
-20
-10
0
10
20
30
40
50
C051
IB-
IB+
IOS
VS = 1.7V, common-mode voltage referenced to VS / 2
Figure 5-9. Input Bias Current vs Common-Mode Voltage
Common-mode Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-100
-75
-50
-25
0
25
50
75
100
C052
IB-
IB+
IOS
VS = 3.3V, common-mode voltage referenced to VS / 2
Figure 5-10. Input Bias Current vs Common-Mode Voltage
Common-mode Voltage (V)
-3
-2
-1
0
1
2
3
-100
-75
-50
-25
0
25
50
75
100
C019
IB-
IB+
IOS
VS = 5.5V, common-mode voltage referenced to VS / 2
Figure 5-11. Input Bias Current vs Common-Mode Voltage
Common-mode Voltage (V)
-3
-2
-1
0
1
2
3
-500
0
500
1000
1500
2000
2500
C018
IB-
IB+
IOS
VS = 5.5V, common-mode voltage referenced to VS / 2
Figure 5-12. Input Bias Current vs Common-Mode Voltage
OPA396, OPA2396, OPA4396
SBOSA65A – JULY 2021 – REVISED MARCH 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA396 OPA2396 OPA4396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com