Electronic Components Datasheet Search
  English  ▼

X  

MPD78C10AL Datasheet(PDF) 49 Page - NEC

Part # MPD78C10AL
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD78C10AL Datasheet(HTML) 49 Page - NEC

Back Button MPD78C10AL Datasheet HTML 45Page - NEC MPD78C10AL Datasheet HTML 46Page - NEC MPD78C10AL Datasheet HTML 47Page - NEC MPD78C10AL Datasheet HTML 48Page - NEC MPD78C10AL Datasheet HTML 49Page - NEC MPD78C10AL Datasheet HTML 50Page - NEC MPD78C10AL Datasheet HTML 51Page - NEC MPD78C10AL Datasheet HTML 52Page - NEC MPD78C10AL Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 373 page
background image
CHAPTER 2
PIN FUNCTIONS
31
2.3 Pin Input/Output Circuits
The input/output circuits for the pins are shown in partially simplified format in Table 2-5 and Figures (1) to (15).
Table 2-5. Pin Type No.
Type No.
Pin Name
µPD78C17/78C14/78C10A
µPD78C18/78C14A/
78C12A/78C11A
PA0 to PA7
5
5-A
PB0 to PB7
5
5-A
PC0, PC1
5
5-A
PC2/SCK
8
8-A
PC3/INT2
10
10-A
PC4 to PC7
5
5-A
PD0 to PD7
5
PF0 to PF7
5
NMI
2
INT1
9
RESET
2
RD
4
WR
4
ALE
4
STOP
2
MODE0
11
MODE1
11
AN0 to AN3
7
AN4 to AN7
12
VAREF
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com