Electronic Components Datasheet Search
  English  ▼

X  

MPD78C10AL Datasheet(PDF) 89 Page - NEC

Part # MPD78C10AL
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD78C10AL Datasheet(HTML) 89 Page - NEC

Back Button MPD78C10AL Datasheet HTML 85Page - NEC MPD78C10AL Datasheet HTML 86Page - NEC MPD78C10AL Datasheet HTML 87Page - NEC MPD78C10AL Datasheet HTML 88Page - NEC MPD78C10AL Datasheet HTML 89Page - NEC MPD78C10AL Datasheet HTML 90Page - NEC MPD78C10AL Datasheet HTML 91Page - NEC MPD78C10AL Datasheet HTML 92Page - NEC MPD78C10AL Datasheet HTML 93Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 373 page
background image
CHAPTER 4
PORT FUNCTIONS
71
4.5 Port F (PF7 to PF0)
µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14
Port F is an 8-bit special input/output port; in addition to functioning as a general-purpose input/output port (port
mode), this port also functions as an address bus.
Port/expansion mode can be specified in steps for PF7 to PF0 by means of the memory mapping register (see
11.1.1 Memory mapping register (MM)).
(1) Port mode
Like port A, port F is an 8-bit input/output port with input/output buffer and output latch functions (see Figure
4-1. Port A).
Port F can be set bit-wise as an input or output port by means of the mode F register (MF). When set to
input, the pins become high-impedance.
When the corresponding bit of the mode F register is set (1), a port F pin functions as an input port pin, and
when reset (0), as an output port pin.
When RESET is input or the hardware STOP mode is set all bits of the mode F register are set.
Figure 4-10. Mode F Register Format
7
MF7
6
MF6
5
MF5
4
MF4
3
MF3
2
MF2
1
MF1
0
MF0
MF
7
PF7
6
PF6
5
PF5
4
PF4
3
PF3
2
PF2
1
PF1
0
PF0
PF
0
1
PFn = Output port
PFn = Input port
(n = 0 – 7)
As with port A, direct bit setting/resetting and bit testing of port F output latch contents is possible by an
arithmetic or logical operation instruction without the use of an accumulator. Data transfer to/from an
accumulator is also possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com