Electronic Components Datasheet Search
  English  ▼

X  

MPD78C10AL Datasheet(PDF) 79 Page - NEC

Part # MPD78C10AL
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD78C10AL Datasheet(HTML) 79 Page - NEC

Back Button MPD78C10AL Datasheet HTML 75Page - NEC MPD78C10AL Datasheet HTML 76Page - NEC MPD78C10AL Datasheet HTML 77Page - NEC MPD78C10AL Datasheet HTML 78Page - NEC MPD78C10AL Datasheet HTML 79Page - NEC MPD78C10AL Datasheet HTML 80Page - NEC MPD78C10AL Datasheet HTML 81Page - NEC MPD78C10AL Datasheet HTML 82Page - NEC MPD78C10AL Datasheet HTML 83Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 373 page
background image
CHAPTER 4 PORT FUNCTIONS
4.1 Port A (PA7 to PA0)
This is an 8-bit input/output port which has input/output buffer and output latch functions (see Figure 4-1). Port
A can be set as to input or output bit-wise using the mode A register (MA). When set to input, the pins become
high-impedance.
In the
µPD78C18/78C14A/78C12A/78C11A, pull-up resistors can be incorporated bit-wise.
Figure 4-1. Port A
When the corresponding bit of the mode A register is set (1), a port A pin functions as an input port pin, and when
reset (0), as an output port pin (see Figure 4-2).
When RESET is input or the hardware STOP mode is set, all bits of the mode A register are set and port A functions
as an input port (high-impedance).
Figure 4-2. Mode A Register Format
7
MA7
6
MA6
5
MA5
4
MA4
3
MA3
2
MA2
1
MA1
0
MA0
MA
0
7
PA7
6
PA6
5
PA5
4
PA4
3
PA3
2
PA2
1
PA1
0
PA0
PA
1
PAn = Output port
PAn = Input port
(n = 0 – 7)
WRM
WRP
RD0
RD1
MAn
latch
Output
latch
Output
buffer
PAn
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com