Electronic Components Datasheet Search
  English  ▼

X  

MPD78C10AL Datasheet(PDF) 62 Page - NEC

Part # MPD78C10AL
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD78C10AL Datasheet(HTML) 62 Page - NEC

Back Button MPD78C10AL Datasheet HTML 58Page - NEC MPD78C10AL Datasheet HTML 59Page - NEC MPD78C10AL Datasheet HTML 60Page - NEC MPD78C10AL Datasheet HTML 61Page - NEC MPD78C10AL Datasheet HTML 62Page - NEC MPD78C10AL Datasheet HTML 63Page - NEC MPD78C10AL Datasheet HTML 64Page - NEC MPD78C10AL Datasheet HTML 65Page - NEC MPD78C10AL Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 373 page
background image
CHAPTER 3
INTERNAL BLOCK FUNCTIOS
44
3.5 Memory
3.5.1
µPD78C18/78C17/78C14/78C14A/78C12A/78C11A/78C10A memory configuration
The
µPD78C18/78C17/78C14/78C14A/78C12A/78C11A/78C10A can address a maximum of 64K bytes of memory.
The memory maps are shown in Figures 3-3 to 3-8. The external memory area and the on-chip RAM area can be
freely used as program memory and data memory. Since the access time for on-chip memory and external memory
are the same, processing can be executed at high speeds.
(1) Interrupt start addresses
The interrupt start addresses are all fixed as follows:
NMI ....................... 0004H
INTT0/INTT1 ......... 0008H
INT1/INT2 ............. 0010H
INTE0/INTE1 ......... 0018H
INTEIN/INTAD ...... 0020H
INTSR/INTST ........ 0028H
SOFTI .................... 0060H
(2) Call address table
The call address of a 1-byte call instruction (CALT) can be stored in the 64-byte area (for 32 call addresses)
from address 0080H to address 00BFH.
(3) Specific memory area
The reset start address, interrupt start addresses and the call table are allocated to addresses 0000H to 00BFH,
and this area takes account of these in use. Addresses 0800H to 0FFFH are directly addressable by a 2-byte
call instruction (CALF).
On-chip mask ROM allocation is shown below.
•
µPD78C18
: Addresses 0000H to 7FFFH
•
µPD78C17
: No mask ROM incorporated
•
µPD78C14/78C14A : Addresses 0000H to 3FFFH
•
µPD78C12A
: Addresses 0000H to 1FFFH
•
µPD78C11A
: Addresses 0000H to 0FFFH
•
µPD78C10A
: No mask ROM incorporated
With the
µPD78C17/78C10A, a specific area can be set up externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com