Electronic Components Datasheet Search
  English  ▼

X  

MPD78C10AL Datasheet(PDF) 63 Page - NEC

Part # MPD78C10AL
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD78C10AL Datasheet(HTML) 63 Page - NEC

Back Button MPD78C10AL Datasheet HTML 59Page - NEC MPD78C10AL Datasheet HTML 60Page - NEC MPD78C10AL Datasheet HTML 61Page - NEC MPD78C10AL Datasheet HTML 62Page - NEC MPD78C10AL Datasheet HTML 63Page - NEC MPD78C10AL Datasheet HTML 64Page - NEC MPD78C10AL Datasheet HTML 65Page - NEC MPD78C10AL Datasheet HTML 66Page - NEC MPD78C10AL Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 373 page
background image
CHAPTER 3
INTERNAL BLOCK FUNCTIONS
45
(4) On-chip data memory area
1K byte RAM is incorporated in addresses FC00H to FFFFH in the
µPD78C18, and 256-byte RAM in addresses
FF00H to FFFFH in the
µPD78C14A/78C12A/78C11A/78C10A. The RAM contents are retained in standby
operation
Caution
When internal RAM is used, the RAE bit of the MM register must be set to 1.
(5) External memory area
The possible area for external memory expansion is shown below. This area can be expanded in steps by
setting the memory mapping register.
•
µPD78C18
: 31K bytes (addresses 8000H to FBFFH)
•
µPD78C14, 78C14A : 48K bytes (addresses 4000H to FEFFH)
•
µPD78C12A
: 56K bytes (addresses 2000H to FEFFH)
•
µPD78C11A
: 60K bytes (addresses 1000H to FEFFH)
External memory can be expanded in steps in a 63K-byte area (addresses 0000H to FBFFH) for the
µPD78C17,
and in a 64K-byte area (addresses 0000H to FEFFH) for the
µPD78C10A. This setting is performed by the
MODE0 and MODE1.
The external memory is accessed using PD7 to PD0 (multiplexed address/data bus), PF7 to PF0 (address bus)
and the RD, WR and ALE signals. Both programs and data can be stored in the external memory.
(6) Working register area
A 256-byte working register area can be set in any memory locations (specified by the V register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com