Electronic Components Datasheet Search
  English  ▼

X  

MAX5633 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5633
Description  16-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5633 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5633 Datasheet HTML 5Page - Maxim Integrated Products MAX5633 Datasheet HTML 6Page - Maxim Integrated Products MAX5633 Datasheet HTML 7Page - Maxim Integrated Products MAX5633 Datasheet HTML 8Page - Maxim Integrated Products MAX5633 Datasheet HTML 9Page - Maxim Integrated Products MAX5633 Datasheet HTML 10Page - Maxim Integrated Products MAX5633 Datasheet HTML 11Page - Maxim Integrated Products MAX5633 Datasheet HTML 12Page - Maxim Integrated Products MAX5633 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
16-Bit DACs with 32-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
9
Detailed Description
Digital-to-Analog Converter
The MAX5631/MAX5632/MAX5633 16-bit digital-to-ana-
log converters (DAC) are composed of two matched
sections. The four MSBs are derived through 15 identi-
cal matched resistors and the lower 12 bits are derived
through a 12-bit inverted R-2R ladder.
Sample-and-Hold Amplifiers
The MAX5631/MAX5632/MAX5633 contain 32 buffered
sample/hold circuits with internal hold capacitors.
Internal hold capacitors minimize leakage current,
dielectric absorption, feedthrough, and required board
space. MAX5631/MAX5632/MAX5633 provide a very low
1mV/s droop rate.
Output
The MAX5631/MAX5632/MAX5633 include output buffers
on each channel. The device contains output resistors in
series with the buffer output (Figure 3) for ease of output
filtering and capacitive load driving stability.
Output loads increase the analog supply current (IDD
and ISS). Excessively loading the outputs drastically
increases power dissipation. Do not exceed the maxi-
mum power dissipation specified in the Absolute
Maximum Ratings.
The maximum output voltage range depends on the
analog supply voltages available and the output clamp
voltages (see Output Clamp).
The device has a fixed theoretical output range deter-
mined by the reference voltage, gain, and midscale offset.
The output voltage for a given input code is calculated
with the following:
where code is the decimal value of the DAC input
code, VREF is the reference voltage, and VGS is the
V
code
V
V
OUT
REF
GS
= 


××
×
()+
65535
5 2428
.-
1.6214 VREF
VV
V
V
V
SS
OUT
DD
+
()≤≤()
075
2 4
..
_
-
Table 1. Code Table
DAC INPUT CODE
MSB
LSB
NOMINAL OUTPUT
VOLTAGE (V)
VREF = +2.5V
1111 1111 1111 1111
9.0535
Full-scale output
1100 0111 0100 1010
6.15
Maximum output with VDD = 8.55V
1000 0000 0000 0000
2.5
Midscale output
0100 1111 0010 1100
0
VOUT_ = 0. All outputs default to this code after power-up
0010 1000 0001 1100
-2.0
Minimum output with VSS = -2.75V
0000 0000 0000 0000
-4.0535
Zero-scale output
tCSHO
tCH
tCSSO
tCL
tDH
tDS
tCSH1
tCSS1
CS
SCLK
DIN
B23
B22
B0
Figure 2. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com