Electronic Components Datasheet Search
  English  ▼

X  

MAX5633 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5633
Description  16-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5633 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5633 Datasheet HTML 1Page - Maxim Integrated Products MAX5633 Datasheet HTML 2Page - Maxim Integrated Products MAX5633 Datasheet HTML 3Page - Maxim Integrated Products MAX5633 Datasheet HTML 4Page - Maxim Integrated Products MAX5633 Datasheet HTML 5Page - Maxim Integrated Products MAX5633 Datasheet HTML 6Page - Maxim Integrated Products MAX5633 Datasheet HTML 7Page - Maxim Integrated Products MAX5633 Datasheet HTML 8Page - Maxim Integrated Products MAX5633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX5631/MAX5632/MAX5633 are 16-bit digital-to-
analog converters (DACs) with 32 sample-and-hold
(SHA) outputs for applications where a high number of
programmable voltages are required. These devices
include a clock oscillator and a sequencer that updates
the DAC with codes from an internal SRAM. No external
components are required to set offset and gain.
The MAX5631/MAX5632/MAX5633 feature a -4.5V to
+9.2V output voltage range. Other features include a
200µV/step resolution, with output linearity error, typi-
cally 0.005% of full-scale range (FSR). The 100kHz
refresh-rate updates each SHA every 320µs, resulting
in negligible output droop. Remote ground sensing
allows the outputs to be referenced to the local ground
of a separate device.
These devices are controlled through a 20MHz
SPI™/QSPI™/MICROWIRE™-compatible 3-wire serial
interface. Immediate Update Mode allows any chan-
nel’s output to be updated within 20µs. Burst Mode
allows multiple values to be loaded into memory in a
single, high-speed data burst. All channels are updated
within 330µs after data has been loaded.
Each device features an output clamp and output resis-
tors for filtering. The MAX5631 features a 50
Ω output
impedance and is capable of driving up to 250pF of out-
put capacitance. The MAX5632 features a 500
Ω output
impedance and is capable of driving up to 10nF of output
capacitance. The MAX5633 features a 1k
Ω output imped-
ance and is capable of driving up to 10nF of output
capacitance.
The MAX5631/MAX5632/MAX5633 are available in 12mm
x 12mm, 64-pin TQFP, and 10mm x 10mm, 68-pin thin
QFN packages.
________________________Applications
MEMS Mirror Servo Control
Industrial Process Control
Automatic Test Equipment
Instrumentation
Features
o Integrated 16-Bit DAC and 32-Channel SHA with
SRAM and Sequencer
o 32 Voltage Outputs
o 0.005% Output Linearity
o 200µV Output Resolution
o Flexible Output Voltage Range
o Remote Ground Sensing
o Fast Sequential Loading: 1.3µs per Register
o Burst and Immediate Mode Addressing
o No External Components Required for Setting
Gain and Offset
o Integrated Output Clamp Diodes
o Three Output Impedance Options:
MAX5631 (50
Ω), MAX5632 (500Ω), and
MAX5633 (1k
Ω)
19-2171; Rev 3; 1/05
16-Bit DACs with 32-Channel
Sample-and-Hold Outputs
________________________________________________________________ Maxim Integrated Products
1
Pin Configurations
Ordering Information
*For other temperature-range options, contact factory.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor, Corp.
PART
TEMP RANGE*
PIN-PACKAGE
MAX5631UCB
0°C to +85°C
64 TQFP
MAX5631UTK
0°C to +85°C
68 Thin QFN
MAX5632UCB
0°C to +85°C
64 TQFP
MAX5632UTK
0°C to +85°C
68 Thin QFN
MAX5633UCB
0°C to +85°C
64 TQFP
MAX5633UTK
0°C to +85°C
68 Thin QFN
Pin Configurations continued at end of data sheet.
58
59
60
61
62
54
55
56
57
63
38
39
40
41
42
43
44
45
46
47
ECLK
TQFP
TOP VIEW
52
53
49
50
51
CH
VSS
OUT20
OUT19
OUT18
OUT17
OUT16
AGND
VDD
OUT15
33
34
35
36
37
OUT14
OUT13
OUT12
OUT11
CL
IMMED
VLOGIC
SCLK
DIN
CS
VSS
AGND
VLSHA
DGND
CLKSEL
RST
VLDAC
GS
N.C.
48
VDD
N.C.
64
23
22
21
20
19
27
26
25
24
18
29
28
32
31
30
17
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
MAX5631
MAX5632
MAX5633


Similar Part No. - MAX5633

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5633UCB MAXIM-MAX5633UCB Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5633UTK MAXIM-MAX5633UTK Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
More results

Similar Description - MAX5633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
32-Channel Infinite Sample-and-Hold
REV.0
logo
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
Analog Devices
AD5532B AD-AD5532B Datasheet
443Kb / 16P
32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
9/02-Data Sheet changed from REV. 0 to REV. A.
AD5533B AD-AD5533B Datasheet
353Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
9/02-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
logo
Supertex, Inc
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
32-Channel High Voltage Sample and Hold Amplifier Array
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
Precision Sample and Hold with 16 Channel Multiplexer
REV. A
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
REV. A
logo
Maxim Integrated Produc...
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com