Electronic Components Datasheet Search
  English  ▼

X  

MAX5633 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5633
Description  16-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5633 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5633 Datasheet HTML 8Page - Maxim Integrated Products MAX5633 Datasheet HTML 9Page - Maxim Integrated Products MAX5633 Datasheet HTML 10Page - Maxim Integrated Products MAX5633 Datasheet HTML 11Page - Maxim Integrated Products MAX5633 Datasheet HTML 12Page - Maxim Integrated Products MAX5633 Datasheet HTML 13Page - Maxim Integrated Products MAX5633 Datasheet HTML 14Page - Maxim Integrated Products MAX5633 Datasheet HTML 15Page - Maxim Integrated Products MAX5633 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
16-Bit DACs with 32-Channel
Sample-and-Hold Outputs
14
______________________________________________________________________________________
Figure 7. Typical Operating Circuit
CS
DIN
SCLK
IMMED
CLKSEL
REF
GS
RST
ECLK
VLOGIC
VLDAC
VLSHA
0.1
µF
+5V
0.1
µF
+10V
VDD
MAX5631
MAX5632
MAX5633
OUT31
OUT0
OUT1
DGND
AGND
0.1
µF
VSS
CL
+2.5V
-4V
Pin Configurations (continued)
38
39
40
41
42
43
44
45
46
47
THIN QFN
TOP VIEW
35
36
37
48
49
50
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
MAX5631
MAX5632
MAX5633
ECLK
CH
VSS
OUT20
OUT19
OUT18
OUT17
OUT16
AGND
VDD
OUT15
OUT14
OUT13
OUT12
OUT11
CL
IMMED
VLOGIC
SCLK
DIN
CS
VSS
17
N.C.
AGND
VLSHA
DGND
CLKSEL
RST
VLDAC
GS
N.C.
VDD
51 N.C.
N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com