Electronic Components Datasheet Search
  English  ▼

X  

MAX5633 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5633
Description  16-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5633 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5633 Datasheet HTML 8Page - Maxim Integrated Products MAX5633 Datasheet HTML 9Page - Maxim Integrated Products MAX5633 Datasheet HTML 10Page - Maxim Integrated Products MAX5633 Datasheet HTML 11Page - Maxim Integrated Products MAX5633 Datasheet HTML 12Page - Maxim Integrated Products MAX5633 Datasheet HTML 13Page - Maxim Integrated Products MAX5633 Datasheet HTML 14Page - Maxim Integrated Products MAX5633 Datasheet HTML 15Page - Maxim Integrated Products MAX5633 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
The operating modes can also be selected externally
through CLKSEL and IMMED. In the case where the
control bit in the serial word and the external signal
conflict, the signal that is a logic “1” is dominant.
Modes of Operation
The MAX5631/MAX5632/MAX5633 feature three modes
of operation:
1) Sequence Mode
2) Immediate Update Mode
3) Burst Mode
Sequence Mode
Sequence mode is the default operating mode. The
internal sequencer continuously scrolls through the
SRAM, updating each of the 32 SHAs. At each SRAM
address location, the stored 16-bit DAC code is loaded
to the DAC. Once settled, the DAC output is acquired
by the corresponding SHA. Using the internal
sequencer clock, the process typically takes 320µs to
update all 32 SHAs (10µs per channel). Using an exter-
nal sequencer clock the update process takes 128
clock cycles (four clock cycles per channel).
Immediate Update Mode
Immediate update mode is used to change the con-
tents of a single SRAM location, and update the corre-
sponding SHA output. In Immediate Update Mode, the
selected output is updated before the sequencer
resumes operation. Select Immediate Update Mode by
driving either IMMED or C1 high.
The sequencer is interrupted when
CS is taken low. The
input word is then stored in the proper SRAM address.
The DAC conversion and SHA sample in progress are
completed transparent to the serial bus activity. The
SRAM location of the addressed channel is then modi-
fied with the new data. The DAC and SHA are updated
with the new voltage. The sequencer then resumes
scrolling at the interrupted SRAM address.
This operation can take up to two cycles of the 10µs
sequencer clock. Up to one cycle is needed to allow the
sequencer to complete the operation in progress before
it is freed to update the new channel. An additional
cycle is required to read the new data from memory,
update the DAC, and strobe the sample-and-hold. The
sequencer resumes scrolling from the location at which
it was interrupted. Normal sequencing is suppressed
while loading data, thus preventing other channels from
being refreshed. Under conditions of extremely frequent
Immediate Updates (i.e., 1000 successive updates), this
can result in unacceptable droop.
Figure 5 shows an example of an immediate update
operation. In this example, data for channel 20 is
loaded while channel 7 is being refreshed. The
sequencer operation is interrupted, and no other chan-
nels are refreshed as long as
CS is held low. Once CS
returns high, and the remainder of an fSEQ period (if
any) has expired, channel 20 is updated to the new
data. Once channel 20 has been updated, the
16-Bit DACs with 32-Channel
Sample-and-Hold Outputs
12
______________________________________________________________________________________
7
12
3
SKIP
20
7
8
9
24-BIT
WORD
CS
DIN
CHANNEL 20
UPDATED
INTERRUPTED
CHANNEL REFRESHED
1/fSEQ
LOAD ADDRESS 20
SHA ARRAY
UPDATE
SEQUENCE
Figure 5. Immediate Update Mode Timing Example
SKIP
6
7
SKIP
SKIP
7
8
5
6
CS
DIN
33 CYCLES TO UPDATE
ALL CHANNELS
1/fSEQ
LOAD MULTIPLE
ADDRESSES
SHA ARRAY
UPDATE
SEQUENCE
7
Figure 6. Burst Mode Timing Example
UPDATE MODE
UPDATE TIME
Immediate Update Mode
2/fSEQ
Burst Mode
33/fSEQ
Table 3. Update Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com