Electronic Components Datasheet Search
  English  ▼

X  

MAX5633 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5633
Description  16-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5633 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5633 Datasheet HTML 7Page - Maxim Integrated Products MAX5633 Datasheet HTML 8Page - Maxim Integrated Products MAX5633 Datasheet HTML 9Page - Maxim Integrated Products MAX5633 Datasheet HTML 10Page - Maxim Integrated Products MAX5633 Datasheet HTML 11Page - Maxim Integrated Products MAX5633 Datasheet HTML 12Page - Maxim Integrated Products MAX5633 Datasheet HTML 13Page - Maxim Integrated Products MAX5633 Datasheet HTML 14Page - Maxim Integrated Products MAX5633 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
16-Bit DACs with 32-Channel
Sample-and-Hold Outputs
______________________________________________________________________________________
11
rising edge of SCLK after
CS goes low will clock in the
MSB of the input word.
When each serial word is complete, the value is stored
in the SRAM at the address indicated and the control
bits are saved. Note that data may be corrupted if
CS is
not held low for an integer multiple of 24 bits.
All of the digital inputs include Schmitt-trigger buffers to
accept slow-transition interfaces. Their switching
threshold is compatible with TTL and most CMOS logic
levels.
Serial Input Data Format and
Control Codes
The 24-bit serial input format, shown in Figure 4, compris-
es of 16 data bits (D15–D0), five address bits (A4–A0),
two control bits (C1, C0), and a fill zero. The address
code selects the output channel as shown in Table 2. The
control code configures the device as follows:
1) If C1 = 1, Immediate Update Mode is selected.
If C1 = 0, Burst Mode is selected.
2) If C0 = 0, the internal sequencer clock is selected. If
C0 = 1, the external sequencer clock is selected.
This must be repeated with each data word to main-
tain external input.
A4
A3
A2
A1
A0
OUTPUT
00000
OUT0 selected
00001
OUT1 selected
00010
OUT2 selected
00011
OUT3 selected
00100
OUT4 selected
00101
OUT5 selected
00110
OUT6 selected
00111
OUT7 selected
01000
OUT8 selected
01001
OUT9 selected
01010
OUT10 selected
01011
OUT11 selected
01100
OUT12 selected
01101
OUT13 selected
01110
OUT14 selected
01111
OUT15 selected
10000
OUT16 selected
10001
OUT17 selected
10010
OUT18 selected
10011
OUT19 selected
10100
OUT20 selected
10101
OUT21 selected
10110
OUT22 selected
10111
OUT23 selected
11000
OUT24 selected
11001
OUT25 selected
11010
OUT26 selected
11011
OUT27 selected
11100
OUT28 selected
11101
OUT29 selected
11110
OUT30 selected
11111
OUT31 selected
Table 2. Channel/Output Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com