Electronic Components Datasheet Search
  English  ▼

X  

IRCS2277S Datasheet(PDF) 4 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 4 Page - International Rectifier

  IRCS2277S Datasheet HTML 1Page - International Rectifier IRCS2277S Datasheet HTML 2Page - International Rectifier IRCS2277S Datasheet HTML 3Page - International Rectifier IRCS2277S Datasheet HTML 4Page - International Rectifier IRCS2277S Datasheet HTML 5Page - International Rectifier IRCS2277S Datasheet HTML 6Page - International Rectifier IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
4/20
May 5
th, 2005
Board Connectors
Figure 1: BOTTOM and TOP image with connectors
Connection with the system controller
On board there is a 40 pins connector for the control signals. The current sense board uses 26 pins. The
remaining pins are for the sensing board (IRCS2277S) that can be connected on top of IRMD22381Q board.
Table 1: 40-pin connector J2 and J1
8
OUTU
10
OCU
12
POU
VRL
13
OUTV
15
16
VRH
VSS
17
18
VSS
VSS
19
20
VSS
OUTW
21
24
SYNC
POV
27
28
OCV
POW
35
36
OCW
VCC
37
38
VCC
VCC
39
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
40
VCC
OUTU
7
OCU
9
POU
11
14
VRL
VRH
15
16
OUTV
VSS
17
18
VSS
VSS
19
20
VSS
22
OUTW
SYNC
23
OCV
27
28
POV
OCW
35
36
POW
VCC
37
38
VCC
VCC
39
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
40
VCC
Logical signals SYNC, POU, POV, POW, OCU, OCV, OCW
SYNC and POx logic inputs are 5V and 3.3 V compatible CMOS I/O ports. SYNC input must be a 50% duty-
cycle square wave that provides filter synchronization with PWM carrier. POx as an input is used for over
current reset when auto-reset function is disabled. As an opened drain output, POx is pull-up with a resistor
to 15V supply. OCx open drain output is also pulled-up to 15V supply. Both pull-up resistors can be removed
in order to use a different supply provided in the controller board. OCx pins are connected to a yellow led
(see Figure 2) indicating the overcurrent condition of the respective current sensor. This led will be disabled
when connecting OCx to a different pull-up.
J2
P12
P8
P4
J1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com