Electronic Components Datasheet Search
  English  ▼

X  

IRCS2277S Datasheet(PDF) 1 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 1 Page - International Rectifier

  IRCS2277S Datasheet HTML 1Page - International Rectifier IRCS2277S Datasheet HTML 2Page - International Rectifier IRCS2277S Datasheet HTML 3Page - International Rectifier IRCS2277S Datasheet HTML 4Page - International Rectifier IRCS2277S Datasheet HTML 5Page - International Rectifier IRCS2277S Datasheet HTML 6Page - International Rectifier IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
1/20
May 5
th, 2005
IRCS2277S Demo Board
For 3-phase / 380V motor drives
IRCS2277S Demo Board
• Up to 1200V DC-bus capability
• IR2277S device connected for 3-phase
current sensing
• Open drain PWM output (PO)
• Open drain Over Current output (OC)
• Ratiometric analog output for A/D
converters compatibility
• On-board disconnectable 5V reference
• On-board bootstrap supply for high-side
gate drive
• Same board can host IR2177S or
IR22771S or IR21771S, in place of
IR2277S
Stacked boards compatibility
• Connectable on top of IRMD2214SS and
IRMD22141SS demo boards
• Connectable on top of IRMD22381Q demo
board
IRCS2277S Demo Board
(Shown above not including IRMD22381Q demo board)
Introduction
The IRCS2277S demo board is an evaluation board for IR2277S current sensor (see device data sheet for details).
IRCS2277S is designed to read 3-phase motor currents on top of pin-out compatible gate driver boards. The board can
be used for both AC and Brushless motors current sensing by reading the voltage developed on shunt resistors. The
board is a flexible solution for different applications and can be customized by means reconfigurable components
options. Three-phase shunt resistor (with sensing pins) must be placed in the gate driver board. Both PWM and
ratiometric analog outputs are provided for all of the three phases. Both PWM output and Over Current signal are
provided as open collector outputs. Board layout has been studied to reduce noise coupling between high and low
voltage signals.
Application Block Diagram
(Refer to connections section to see
interface pins) This diagram shows
the main blocks and connections of
the demo board and the external
components necessary in a typical
motor drive application.


Similar Part No. - IRCS2277S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
logo
ASM GmbH
IRC-PB ASM-SENSOR-IRC-PB Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
IRC-PB151 ASM-SENSOR-IRC-PB151 Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
IRC-PB21 ASM-SENSOR-IRC-PB21 Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
IRC-PB301 ASM-SENSOR-IRC-PB301 Datasheet
361Kb / 3P
Infrarot-Temperatur-Messger채te
More results

Similar Description - IRCS2277S

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6121EB SIPEX-SP6121EB Datasheet
419Kb / 6P
Demo Board Manual
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
Demo Board
logo
Integrated Circuit Syst...
ICS601 ICST-ICS601 Datasheet
7Kb / 1P
ICS601 Demo Board Schematic
Revision 022803
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
MLX90401 Demo Board
logo
List of Unclassifed Man...
FB80XED-FND ETC-FB80XED-FND Datasheet
30Kb / 1P
7-Segment Demo board
FB80XED-LCD ETC-FB80XED-LCD Datasheet
24Kb / 1P
7-Segment Demo board
FB80XED-RELAY ETC-FB80XED-RELAY Datasheet
26Kb / 1P
7-Segment Demo board
FB80XED-SENSOR ETC-FB80XED-SENSOR Datasheet
27Kb / 1P
7-Segment Demo board
logo
Teridian Semiconductor ...
73S8023C TERIDIAN-73S8023C_V01 Datasheet
816Kb / 19P
Demo Board User Manual
Rev. 1.3
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
Demo Board User’s Manual
Revision 5.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com