Electronic Components Datasheet Search
  English  ▼

X  

IRCS2277S Datasheet(PDF) 10 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 10 Page - International Rectifier

Back Button IRCS2277S Datasheet HTML 6Page - International Rectifier IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier IRCS2277S Datasheet HTML 10Page - International Rectifier IRCS2277S Datasheet HTML 11Page - International Rectifier IRCS2277S Datasheet HTML 12Page - International Rectifier IRCS2277S Datasheet HTML 13Page - International Rectifier IRCS2277S Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
10/20
May 5
th, 2005
The following table shows the names of these components on board.
U
V
W
VS DIODE
D4
D8
D12
VS ZENER
Z3
Z6
Z9
VINM DIODE
D3
D7
D11
VINM ZENER
Z2
Z5
Z8
VINP DIODE
D2
D6
D10
VINP ZENER
Z1
Z4
Z7
RVINP
R7
R14
R21
RVINM
R8
R15
R22
NOTE: It must be noticed that during bootstrap filling, voltage will be developed across Rboot**. It is important
in that case to evaluate the voltage difference between VS and VINP/VINM, that must stay in the maximum
operating condition specified by the data sheet of the IR2277S. Filter capacitors (see next par.) across
VINP/VINM and VS may help in staying in the specified voltage range,
RC filter on VINP and VINM
High frequency filter capacitors are located at VINP and VINM pins. They can be placed either in common
mode (across pins and VS) or in differential mode (between VINP and VINM).
VCC
VSS
VB
VS
Rboot
**
15V
CVCC
DC+
Phase
Rvinp
Rvinm
Shunt
VINP
VINM
CD
CCP
CCM
Figure 6: VIN filter
The following table shows the names of these components on board.
U
V
W
CCP
C9
C16
C23
CCM
C10
C17
C24
RD
Use C9
and C10
pads
Use C16
and C17
pads
Use C23
and C24
pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com