Electronic Components Datasheet Search
  English  ▼

X  

IRCS2277S Datasheet(PDF) 11 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 11 Page - International Rectifier

Back Button IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier IRCS2277S Datasheet HTML 10Page - International Rectifier IRCS2277S Datasheet HTML 11Page - International Rectifier IRCS2277S Datasheet HTML 12Page - International Rectifier IRCS2277S Datasheet HTML 13Page - International Rectifier IRCS2277S Datasheet HTML 14Page - International Rectifier IRCS2277S Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
11/20
May 5
th, 2005
Analog output OUT
Analog outputs OUTU, OUTV and OUTW are provided to the 40-pin connector with a capacitor that is
connected to VRL as per the following table.
U
V
W
CFILTER
C4
C11
C18
VRL is shorted to local VSS by 0 Ohm resistors as follows:
U
V
W
RVRL
R5
R12
R19
To use a different voltage to supply the analog output low rail, disconnect these resistors.
VRH is shorted to a linear 5V regulator (7805) output. Remove the 0 Ohm resistor R2 to disconnect the
voltage regulator and provide the analog output high voltage rail via 40-pin connector.
The following table shows the names of these components on board.
Auto-reset function
To reset automatically IR2277 current sensors when they latch an overcurrent condition, short pin 1 to pin 2
of jumpers P1 (U1), P5 (U2) and P9 (U3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com