Electronic Components Datasheet Search
  English  ▼

X  

IRCS2277S Datasheet(PDF) 6 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 6 Page - International Rectifier

Back Button IRCS2277S Datasheet HTML 2Page - International Rectifier IRCS2277S Datasheet HTML 3Page - International Rectifier IRCS2277S Datasheet HTML 4Page - International Rectifier IRCS2277S Datasheet HTML 5Page - International Rectifier IRCS2277S Datasheet HTML 6Page - International Rectifier IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier IRCS2277S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
6/20
May 5
th, 2005
Connecting the current sensors
P1, P2 and P3 are connected with the optional shunt resistors placed on the driver board between the
phase output nodes and the motor.
CONNECTOR P4
SHU+
(motor side)
1
SHU-
(power module side)
2
U
3
1
2
3
CONNECTOR P8
SHV+
(motor side)
1
SHV-
(power module side)
2
V
3
1
2
3
CONNECTOR P12
SHW+
(motor side)
1
SHW-
(power module side)
2
W
3
1
2
3
Table 2: P4, P8 and P12 connectors for Kelvin contacts to shunt signals
SHU, SHV and SHW are sense pins connected to the shunt resistors terminals.
Test Points
Test points on board provide signals that are not available at the connectors. See the following table:
ONE FOR EACH CHANNEL
(CH1
U, CH2
V, CH3
W)
VBu,v,w
High side floating supply voltage
VSu,v,w
High side floating supply offset voltage (jumper)
VINPu,v,w
Current sensor positive input
VINMu,v,w
Current sensor negative input
OUTu,v,w
Analog output
POu,v,w
PWM output
OCu,v,w
Overcurrent output
GNDu,v,w
Local ground (VSS)
Table 3: Test points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com