Electronic Components Datasheet Search
  English  ▼

X  

IRCS2277S Datasheet(PDF) 5 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 5 Page - International Rectifier

  IRCS2277S Datasheet HTML 1Page - International Rectifier IRCS2277S Datasheet HTML 2Page - International Rectifier IRCS2277S Datasheet HTML 3Page - International Rectifier IRCS2277S Datasheet HTML 4Page - International Rectifier IRCS2277S Datasheet HTML 5Page - International Rectifier IRCS2277S Datasheet HTML 6Page - International Rectifier IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
5/20
May 5
th, 2005
VRL, VRH, OUTU, OUTV, OUTW
VRL and VRH inputs are the reference voltages for the OUTx analog output of the current sensors.
VRL is the low voltage rail for OUTx and it is connected to VSS by a 0 Ohm resistor. VRH is the high voltage
rail for OUTx and it is connected to a linear 5V regulator by a 0Ohm resistor.
Both VRH and VRL can be disconnected to the respective supplies (VSS and 5V regulator) in order to be
supplied by the controller board.
OUTx are directly connected to the IR2277S devices output.
Note: further information about IR2277S I/Os are described in details in IR2277S data sheet.
VCC supply pin
This is the supply pin for all the devices. On board a green LED indicates the supply power on; Figure 2b
shows the connection.
Figure 2: LED connection
VSS ground pin (GND)
When stacked together, the board ground is shared among the stack. Gate drivers board share the VSS with
DC- (power ground) with a star connection on DC-.
15V
VSS
10k
V
CC
OCx
10k
(a)
(b)
Green
Yellow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com