Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 35Page - Renesas Technology Corp RH850 Datasheet HTML 36Page - Renesas Technology Corp RH850 Datasheet HTML 37Page - Renesas Technology Corp RH850 Datasheet HTML 38Page - Renesas Technology Corp RH850 Datasheet HTML 39Page - Renesas Technology Corp RH850 Datasheet HTML 40Page - Renesas Technology Corp RH850 Datasheet HTML 41Page - Renesas Technology Corp RH850 Datasheet HTML 42Page - Renesas Technology Corp RH850 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 422 page
background image
RH850/F1KH, RH850/F1KM
Section 2A Pin Function of RH850/F1KH-D8
R01DS0442EJ0100 Rev.1.00
Page 39 of 422
Sep 15, 2023
Table 2A.1
Pin Assignment 176-Pin LQFP
Pin No.
Pin Name
43
JP0_4 / DCUTRST
44
JP0_3 / INTP3 / CSCXFOUT / TAUJ0I2 / TAUJ0O2 / DCUTMS
45
JP0_2 / INTP2 / TAUJ0I1 / TAUJ0O1 / FPCK / DCUTCK / LPDCLK
46
JP0_1 / INTP1 / TAUJ0I0 / TAUJ0O0 / FPDT / DCUTDO / LPDO
47
JP0_0 / INTP0 / TAUJ2I0 / TAUJ2O0 / FPDR / FPDT / DCUTDI / LPDI / LPDIO
48
P2_1 / RLIN27TX / CAN6TX
49
P2_0 / RLIN27RX / CAN6RX / INTP6
50
P1_11 / ADCA1TRG2 / RLIN24TX / DPIN22 / INTP14
51
P1_10 / RLIN24RX / DPIN21 / INTP22 / ADCA1TRG1
52
P1_9 / DPIN20 / INTP21
53
P1_8
54
RESET
55
EVCC
56
XT1
57
IP0_0 / XT2
58
AWOVSS
59
AWOVCL
60
REG0VCC
61
X2
62
X1
63
FLMD0
64
P2_3 / RLIN28TX / CSIH4CSS1
65
P2_2 / RLIN28RX / CSIH4CSS0
66
JP0_6 / EVTO
67
P0_10 / INTP3 / CSIH1CSS1 / DPIN11 / RLIN22TX / TAUB0I6 / TAUB0O6 / CAN4TX
68
P0_9 / INTP12 / CSIH1CSS0 / DPIN7 / RLIN22RX / TAUB0I4 / TAUB0O4 / CAN4RX / INTP4
69
P0_8 / INTP16 / RLIN21TX / DPIN6 / CSIH0CSS6 / CSIH1SSI / TAUB0I2 / TAUB0O2 / CAN3TX
70
P0_7 / RLIN21RX / DPIN5 / CSCXFOUT / CSIH1RYI / CSIH1RYO / TAUB0I0 / TAUB0O0 / CAN3RX / INTP3
71
EVSS
72
ISOVSS
73
ISOVCL
74
P1_5 / ADCA1TRG0 / RLIN35TX / DPIN17 / INTP20 / CSIH4SC
75
P1_4 / RLIN35RX / INTP15 / DPIN18 / CSIH4SI
76
P2_4 / RLIN29RX / ADCA0SEL0 / CSIH4SO
77
P2_5 / RLIN29TX / CSIH4SSI / ADCA0SEL1
78
P1_14 / RLIN23RX / CAN7RX / INTP9 / CSIH4RYI / CSIH4RYO
79
P1_15 / RLIN23TX / CAN7TX
80
P8_0 / TAUJ0I0 / TAUJ0O0 / DPIN2 / PWGA14O / INTP4 / CSIH0CSS0 / CAN6RX / INTP6 / RIIC1SDA / SENT0RX /
ADCA0I0S
81
P8_1 / TAPA0ESO / TAUJ0O1 / DPIN0 / PWGA15O / INTP5 / CSIH1CSS3 / CAN6TX / RIIC1SCL / SENT0SPCO /
ADCA0I1S
82
P8_3 / TAUJ0I1 / TAUJ0O1 / DPIN3 / CSIH0CSS1 / INTP7 / PWGA23O / CAN7TX / ADCA0I5S
83
P8_4 / TAUJ0I2 / TAUJ0O2 / DPIN4 / CSIH0CSS2 / INTP8 / PWGA36O / CAN7RX / INTP9 / ADCA0I6S
84
P8_5 / TAUJ0I3 / TAUJ0O3 / NMI / CSIH0CSS3 / INTP9 / PWGA37O / ADCA0I7S
85
P8_6 / NMI / CSIH0CSS4 / PWGA38O / RTCA0OUT / ADCA0I8S / RESETOUT
86
P8_7 / CSIH3CSS0 / PWGA39O / ADCA0SEL0 / RTCA0OUT / ADCA0I14S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com