Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 9Page - Renesas Technology Corp RH850 Datasheet HTML 10Page - Renesas Technology Corp RH850 Datasheet HTML 11Page - Renesas Technology Corp RH850 Datasheet HTML 12Page - Renesas Technology Corp RH850 Datasheet HTML 13Page - Renesas Technology Corp RH850 Datasheet HTML 14Page - Renesas Technology Corp RH850 Datasheet HTML 15Page - Renesas Technology Corp RH850 Datasheet HTML 16Page - Renesas Technology Corp RH850 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 422 page
background image
RH850/F1KH, RH850/F1KM
Section 1B Overview of RH850/F1KM-S4, RH850/F1KM-S2
R01DS0442EJ0100 Rev.1.00
Page 13 of 422
Sep 15, 2023
Table 1B.1
Overview of Product
Product Name
RH850/F1KM-S4
100 Pins
144 Pins
176 Pins
233 Pins
272 Pins
A/D
converter
ADCA1
Physical input
channels
Not provided
Total 12 ch
(12 bit
resolution:
8 ch + 10 bit
resolution: 4 ch)
Total 24 ch
(12 bit
resolution: 16 ch
+ 10 bit
resolution: 8 ch)
Total 36 ch
(12 bit resolution: 16 ch
+ 10 bit resolution: 20 ch)
External
multiplexer
support for
channel number
extension
Not provided
Channels with
T&H
Not provided
Timer
Timer Array Unit D (TAUD)
1 unit (16 bit resolution timers × 16 channels /unit)
Timer Array Unit B (TAUB)
1 unit (16 bit resolution timers × 16
channels /unit)
2 units
(16 bit resolution timers × 16 channels /unit)
Timer Array Unit J (TAUJ)
4 units (32 bit resolution timers × 4 channels /unit)
Operating System Timer
(OSTM)
5 units
Real-Time Clock (RTCA)
1 unit
Encoder Timer (ENCA)
1 unit
Window Watchdog Timer A
(WDTA)
2 units
Serial
interfaces
Clocked Serial Interface G
(CSIG)
1 channel
2 channels
4 channels
Clocked Serial Interface H
(CSIH)
4 channels
CAN Interface (RS-CANFD)
8 channels
LIN/UART Interface (RLIN3)
3 channels
6 channels
8 channels
LIN Master Interface (RLIN2)
3 channels
6 channels
10 channels
12 channels
I2C Bus Interface (RIIC)
2 channels
Clock Extension Peripheral
Interface (CXP1)
Not provided
Single Edge Nibble
Transmission (RSENT)
1 channel
2 channels
FlexRay Interface (FLXA)
2 channel (A ch, B ch)
Ethernet AVB (ETNB)
Not provided
1 channel (MII)
External
Interrupts
Maskable
14
24
Non-maskable (NMI)
1
Other
functions
Clock Monitors (CLMA)
For PLL0, PLL1, HS IntOSC, MainOSC
Data CRC (DCRA)
4 channels
Low-Voltage Indicator (LVI)
Provided
Power-On Clear (POC)
Provided
Core Voltage Monitors (CVM)
Provided
Error Correction Coding
(ECC)
For Code flash, Data flash,
Local RAM, Retention RAM,
Global RAM,
CSIH, RS-CANFD, FLXA
For Code flash, Data flash,
Local RAM, Retention RAM, Global RAM,
CSIH, RS-CANFD, FLXA, ETNB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com