Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RH850 Datasheet HTML 1Page - Renesas Technology Corp RH850 Datasheet HTML 2Page - Renesas Technology Corp RH850 Datasheet HTML 3Page - Renesas Technology Corp RH850 Datasheet HTML 4Page - Renesas Technology Corp RH850 Datasheet HTML 5Page - Renesas Technology Corp RH850 Datasheet HTML 6Page - Renesas Technology Corp RH850 Datasheet HTML 7Page - Renesas Technology Corp RH850 Datasheet HTML 8Page - Renesas Technology Corp RH850 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 422 page
background image
R01DS0442EJ0100
Rev.1.00
Page 1 of 422
Sep 15, 2023
Section 1A
Overview of RH850/F1KH-D8
1A.1
RH850/F1KH Outline
This RH850/F1KH-D8 is a 32-bit single-chip microcontroller with dual core CPUs, Code Flash, Data Flash, RAM
modules, DMA controllers, A/D converters, timer units and many communication interfaces that are used in the
automotive applications. This microcontroller has been developed as a Safety Element out of Context (SEooC) in
accordance with ISO26262.
RH850/F1KH-D8 main features are as follows:
(1) RH850 dual core CPU
This microcontroller contains dual RH850G3KH2.0 cores support RISC-type instruction sets and have significantly
improved the instruction execution speed with basic instructions (one clock cycle per instruction) and the optimized 5-
stage pipeline configurations. Furthermore, this product also supports bit manipulation instructions as instructions best
suited for various fields.
Two-byte basic instructions and high-level language instructions improve object code efficiency for the C compiler and
reduce the program size. Furthermore, this product is suited for advanced real-time control applications by offering a
high-speed response time including the processing time of the on-chip interrupt controller.
(2) On-Chip Code Flash and Data Flash
This microcontroller has high-speed Code Flash from which CPU can fetch the instructions and the constant data. Code
Flash with a capacity of up to 8 MB can be reprogrammed when the chip is implemented in the application system.
This chip also has Data Flash with a capacity of 256 KB.
(3) Rich peripheral functionality
This microcontroller supports common communication interfaces such as CSI as well as automotive-oriented
communication interfaces such as Ethernet, FlexRay, CAN-FD, LIN and SENT. As internal peripheral modules, this
microcontroller incorporates A/D Converter and Timer module.
(4) Low power consumption
This microcontroller provides some function for low power consumption. Low Power Sampler (LPS) polls signal inputs
without CPU core interaction. DeepSTOP mode disables power to select circuits within the chip.
(5) Functional Safety support
This microcontroller includes several dedicated functionalities such as the memory protection with ECC on data and
clock monitors to support the functional safety standard (ISO26262) required in the automotive applications.
RH850/F1KH, RH850/F1KM
Renesas microcontroller
R01DS0442EJ0100
Rev.1.00
Sep 15, 2023
Datasheet


Similar Part No. - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RH850 RENESAS-RH850 Datasheet
925Kb / 66P
RENESAS 32-Bit MCU
RH850 RENESAS-RH850 Datasheet
71Kb / 6P
E1 Emulator
RH850 RENESAS-RH850 Datasheet
70Kb / 1P
Self Programming Library
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
RH850 RENESAS-RH850 Datasheet
11Mb / 206P
Renesas microcontroller
Rev.1.00 Mar.31.2025
More results

Similar Description - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
R8C33C RENESAS-R8C33C Datasheet
528Kb / 56P
RENESAS MCU
R8C34C RENESAS-R8C34C Datasheet
539Kb / 57P
RENESAS MCU
R8C22 RENESAS-R8C22_08 Datasheet
485Kb / 54P
RENESAS MCU
R5F21368SNFP RENESAS-R5F21368SNFP Datasheet
502Kb / 61P
RENESAS MCU
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
R5F64165NFD RENESAS-R5F64165NFD_13 Datasheet
740Kb / 99P
RENESAS MCU
RL78 RENESAS-RL78_13 Datasheet
296Kb / 31P
RENESAS MCU
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com