Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 56Page - Renesas Technology Corp RH850 Datasheet HTML 57Page - Renesas Technology Corp RH850 Datasheet HTML 58Page - Renesas Technology Corp RH850 Datasheet HTML 59Page - Renesas Technology Corp RH850 Datasheet HTML 60Page - Renesas Technology Corp RH850 Datasheet HTML 61Page - Renesas Technology Corp RH850 Datasheet HTML 62Page - Renesas Technology Corp RH850 Datasheet HTML 63Page - Renesas Technology Corp RH850 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 422 page
background image
RH850/F1KH, RH850/F1KM
Section 2A Pin Function of RH850/F1KH-D8
R01DS0442EJ0100 Rev.1.00
Page 60 of 422
Sep 15, 2023
Table 2A.5
Pin Functions
Pin Name
No. of Pins
IO Pin Function
Unit
176 Pins
233 Pins
272 Pins
324 Pins
MMCA0CLK
—
—
—
O
MMCA Clock
MMCAn
MMCA0CMD
—
—
—
IO MMCA Command / Response
MMCA0DATm
—
—
—
IO MMCA Data[7:0]
m = 0 to 7
MODEm
—
I
Sub operating mode select
Mode
m = 0 to 2
m = 0 to 2
—
m = 0 to 2
NMI
—
I
External non-maskable interrupt input
INTC
P0_m
—
IO Port 0_m
Port
m = 0 to 14
m = 0 to 14
—
m = 0 to 14
P1_m
—
IO Port 1_m
m = 0 to 5,
8 to 15
m = 0 to 5,
8 to 15
—
m = 0 to 5,
8 to 15
P2_m
—
IO Port 2_m
m = 0 to 6
m = 0 to 15
—
m = 0 to 15
P3_m
―
—
IO Port3_m
m = 0
—
m = 0 to 12
P8_m
—
IO Port 8_m
m = 0 to 12
m = 0 to 12
—
m = 0 to 12
P9_m
—
IO Port 9_m
m = 0 to 4
m = 0 to 4
—
m = 0 to 4
P10_m
—
IO Port 10_m
m = 0 to 15
m = 0 to 15
—
m = 0 to 15
P11_m
—
IO Port 11_m
m = 0 to 12,
15
m = 0 to 12,
15
—
m = 0 to 12,
15
P12_m
—
IO Port 12_m
m = 0 to 5
m = 0 to 5
—
m = 0 to 5
P13_m
―
—
IO Port 13_m
m = 0 to 7
—
m = 0 to 7
P18_m
—
IO Port 18_m
m = 0 to 7
m = 0 to 15
—
m = 0 to 15
P19_m
―
—
IO Port19_m
m = 0 to 3
—
m = 0 to 3
P20_m
—
IO Port 20_m
m = 0 to 5
m = 0 to 5
—
m = 0 to 15
P21_m
―
―
—
IO Port21_m
—
m = 0 to 14
P22_m
―
―
—
IO Port22_m
—
m = 0 to 15
P23_m
―
―
―
IO Port23_m
m = 0 to 10
P24_m
―
―
―
IO Port24_m
m = 0 to 7
PWGAnO
—
O
PWGAn output signal
PWGAn
n = 0 to 71
n = 0 to 79
—
n = 0 to 95
REGnVCC
—
— Voltage regulators voltage supply
Power
n = 0, 1
n = 0, 1
—
n = 0, 1
—
RESET
—
I
External reset input
Reset
RESETOUT
—
O
Reset output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com