Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # RL78
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 44Page - Renesas Technology Corp RL78 Datasheet HTML 45Page - Renesas Technology Corp RL78 Datasheet HTML 46Page - Renesas Technology Corp RL78 Datasheet HTML 47Page - Renesas Technology Corp RL78 Datasheet HTML 48Page - Renesas Technology Corp RL78 Datasheet HTML 49Page - Renesas Technology Corp RL78 Datasheet HTML 50Page - Renesas Technology Corp RL78 Datasheet HTML 51Page - Renesas Technology Corp RL78 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 146 page
background image
RL78/F15
3. ELECTRICAL SPECIFICATIONS (GRADE L)
R01DS0461EJ0110 Rev.1.10
Page 48 of 143
Jan 30, 2026
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (2/3)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Notes 1, 3
IDD2
HALT
mode
Note 2
High-speed on-chip
oscillator clock operation
fIH = 64 MHz
fCLK = 32 MHz
Note 5
1.3
11.0
mA
fIH = 32 MHz
fCLK = fIHNote 5
1.0
10.0
mA
fIH = 1 MHz
fCLK = fIHNote 5
0.3
1.7
mA
Resonator operation
fMX = 20 MHz
fCLK = fMXNote 6
0.7
7.0
mA
fMX = 1 MHz
fCLK = fMXNote 6
0.2
1.7
mA
Resonator operation
(PLL operation)
(PLL input clock = fMX)
fPLL = 64 MHz,
fMX = 8 MHz
fCLK = 32 MHz
Note 7
1.2
11.0
mA
fPLL = 32 MHz,
fMX = 8 MHz
fCLK = 32 MHz
Note 7
1.1
10.0
mA
fPLL = 32 MHz,
fMX = 4 MHz
fCLK = 32 MHz
Note 7
1.0
10.0
mA
Subsystem clock
operation
fSUB = 32.768
kHz
fCLK = fSUBNote 8
0.7
90.0
μA
Low-speed on-chip
oscillator clock operation
fIL = 15 kHz
fCLK = fILNote 9
0.7
80.0
μA
IDD3
STOP
mode
Note 4
TA = +25
°C
0.5
μA
TA = +50
°C
4.5
TA = +70
°C
8.0
TA = +105
°C
50.0
Notes 1. Total current flowing into VDD, EVDD0, and EVDD1, including the input leakage current flowing when the level of
the input pin is fixed to VDD, EVDD0, EVDD1, VSS, EVSS0, or EVSS1. However, not including the current flowing into
the I/O buffer and on-chip pull-up/pull-down resistors.
2. When HALT mode is entered during fetch from the flash memory.
3. The values below the MAX. column include the peripheral operation current and STOP leakage current.
However, the watchdog timer, LVD circuit, A/D converter, D/A converter, and comparator are stopped.
4. When high-speed system clock, subsystem clock, PLL clock, high-speed on-chip oscillator clock, and low-
speed on-chip oscillator clock are stopped.
5. When high-speed system clock, subsystem clock, PLL clock, and low-speed on-chip oscillator clock are
stopped.
6. When subsystem clock, PLL clock, high-speed on-chip oscillator clock, and low-speed on-chip oscillator
clock are stopped.
7. When subsystem clock, high-speed on-chip oscillator clock, and low-speed on-chip oscillator clock are
stopped.
8. When high-speed system clock, PLL clock, high-speed on-chip oscillator clock, and low-speed on-chip
oscillator clock are stopped.
9. When high-speed system clock, subsystem clock, PLL clock, and high-speed on-chip oscillator clock are
stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com