| Electronic Components Datasheet Search |
|
RL78 Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 146 page ![]() RL78/F15 2. PIN FUNCTIONS R01DS0461EJ0110 Rev.1.10 Page 19 of 143 Jan 30, 2026 (3/3) Function Name I/O Function After Reset Alternate Function P110 I/O Port 11 Use of an on-chip pull-up resistor can be specified by a software setting. Input port TI20/TO20 P111 TI21/TO21 P112 TI22/TO22 P113 TI23/TO23 P114 TI24/TO24 P115 TI25/TO25 P116 TI26/TO26 P117 TI27/TO27 P120 I/O Port 12 Input of P125 can be set to TTL input buffer. P120 and P125 can be set to analog input. For P120 and P125 to P127, use of an on-chip pull-up resistor can be specified by a software setting. Output from P120 can be set to N-ch open-drain output. For input to P125, the threshold level can be specified. Analog input port ANI25/TI07/TO07/TRDIOD0/ SO01/INTP4 P121 Input Input port X1 P122 X2/EXCLK P123 XT1 P124 XT2/EXCLKS P125 I/O Analog input port ANI24/TI03/TO03/TRDIOB0/ SSI01/INTP1/SNZOUT1 P126 Input port (TI01)/(TO01) P127 (TI03)/(TO03) P130 Output Port 13 For P131 to P136, use of an on-chip pull-up resistor can be specified by a software setting. Output port RESOUT P131 I/O Input port INTP14 P132 P133 P134 P135 P136 P137 Input Input port INTP0 P140 I/O Port 14 Use of an on-chip pull-up resistor can be specified by a software setting. Input port PCLBUZ0/(TI20)/(TO20) P141 (TI21)/(TO21) P142 (TI22)/(TO22) P143 (TI23)/(TO23) P144 (TI24)/(TO24) P145 (TI25)/(TO25) P146 (TI26)/(TO26) P147 (TI27)/(TO27) P150 I/O Port 15 Use of an on-chip pull-up resistor can be specified by a software setting. For input to P150, P152 to P154 and P156, the threshold level can be specified. Input port (SSI11) P151 (SO11)/SO21 P152 (SI11)/SI21 P153 (SCK11)/SCK21 P154 (SNZOUT7)/LRXD2 P155 (SNZOUT6)/LTXD2 P156 (SNZOUT5)/SI20/RXD2 P157 (SNZOUT4)/SO20/TXD2 P160 I/O Port 16 Use of an on-chip pull-up resistor can be specified by a software setting. Input port P161 P162 P163 P164 P165 P166 P167 Remark Functions in parentheses in the above table can be assigned via settings in the peripheral I/O redirection registers (PIOR). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |