Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # RL78
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 49Page - Renesas Technology Corp RL78 Datasheet HTML 50Page - Renesas Technology Corp RL78 Datasheet HTML 51Page - Renesas Technology Corp RL78 Datasheet HTML 52Page - Renesas Technology Corp RL78 Datasheet HTML 53Page - Renesas Technology Corp RL78 Datasheet HTML 54Page - Renesas Technology Corp RL78 Datasheet HTML 55Page - Renesas Technology Corp RL78 Datasheet HTML 56Page - Renesas Technology Corp RL78 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 146 page
background image
RL78/F15
3. ELECTRICAL SPECIFICATIONS (GRADE L)
R01DS0461EJ0110 Rev.1.10
Page 53 of 143
Jan 30, 2026
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Port output rise time, port
output fall time
tRO, tFO
P00 to P07, P10 to
P17, P20 to P27, P30
to P32, P35 to P37,
P40 to P47, P50 to
P57, P60 to P67, P70
to P77, P106, P107,
P110 to P117, P120,
P125 to P127, P130 to
P136, P140 to P147,
P150 to P157, P160 to
P167
(normal slew rate)
C = 30 pF
4.0 V
≤ EVDD0 ≤ 5.5 V
25
ns
2.7 V
≤ EVDD0 < 4.0 V
55
ns
P10, P12, P14, P30,
P120, P140
(special slew rate)
C = 30 pF
4.0 V
≤ EVDD0 ≤ 5.5 V
25 Note
60
ns
2.7 V
≤ EVDD0 < 4.0 V
100
ns
Note TA = +25
°C, EVDD0 = 5.0 V
Caution Excluding the error in oscillation frequency accuracy.
Remark fMCK: Timer array unit operation clock frequency
AC Timing Test Points
Test points
VIH
VIL
VIH
VIL
External System Clock Timing
EXCLK
0.8 VDD (MIN.)
0.2 VDD (MAX.)
1/fEX
tEXL
tEXH
EXCLKS
0.8 VDD (MIN.)
0.2 VDD (MAX.)
1/fEXS
tEXLS
tEXHS
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com