Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # RL78
Description  RENESAS MCU
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 48Page - Renesas Technology Corp RL78 Datasheet HTML 49Page - Renesas Technology Corp RL78 Datasheet HTML 50Page - Renesas Technology Corp RL78 Datasheet HTML 51Page - Renesas Technology Corp RL78 Datasheet HTML 52Page - Renesas Technology Corp RL78 Datasheet HTML 53Page - Renesas Technology Corp RL78 Datasheet HTML 54Page - Renesas Technology Corp RL78 Datasheet HTML 55Page - Renesas Technology Corp RL78 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 146 page
background image
RL78/F15
3. ELECTRICAL SPECIFICATIONS (GRADE L)
R01DS0461EJ0110 Rev.1.10
Page 52 of 143
Jan 30, 2026
3.4 AC Characteristics
3.4.1 Basic Operation
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Instruction cycle (minimum
instruction execution time)
TCY
High-speed on-chip oscillator clock operation
0.03125
1
μs
High-speed system clock operation
0.05
1
μs
PLL clock operation
0.03125
1
μs
Subsystem clock operation
28.5
30.5
34.5
μs
Low-speed on-chip oscillator clock operation
66.6
μs
In self programming mode
0.03125
1
μs
CPU/peripheral hardware
clock frequency
fCLK
0.03125
66.6
μs
External system clock
frequency
fEX
1.0
20.0
MHz
fEXS
29
35
kHz
External system clock
input high-level width, low-
level width
tEXH, tEXL
24
ns
tEXHS,
tEXLS
13.7
μs
TI00 to TI07, TI10 to TI17,
TI20 to TI27 input high-
level width, low-level width
tTIH,
tTIL
1/fMCK+10
ns
TO00 to TO07, TO10 to
TO17, TO20 to TO27
output frequency
fTO
All TO pins,
Normal slew rate,
C = 30 pF
4.0 V
≤ EVDD0 ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD0 < 4.0 V
8
MHz
TO01, TO06, TO07,
TO11, TO13 only,
Special slew rate,
C = 30 pF
2
MHz
PCLBUZ0 output
frequency
fPCL
Normal slew rate
C = 30 pF
4.0 V
≤ EVDD0 ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD0 < 4.0 V
8
MHz
Special slew rate
C = 30 pF
2
MHz
Timer RJ input cycle
tC
TRJIO0
100
ns
Timer RJ input high-level
width, low-level width
tWH,
tWL
TRJIO0
40
ns
Interrupt input high-level
width, low-level width
tINTH,
tINTL
INTP0 to INTP15 Note
1
μs
KR0 to KR7 key interrupt
input low-level width
tKR
250
ns
RESET low-level width
tRSL
10
μs
Note Pins RESET, INTP0 to INTP3, INTP12, and INTP13 have noise filters for transient levels lasting less than 100 ns.
Caution Excluding the error in oscillation frequency accuracy.
Remark fMCK: Timer array unit operation clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com