Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 3Page - Texas Instruments AMC1203 Datasheet HTML 4Page - Texas Instruments AMC1203 Datasheet HTML 5Page - Texas Instruments AMC1203 Datasheet HTML 6Page - Texas Instruments AMC1203 Datasheet HTML 7Page - Texas Instruments AMC1203 Datasheet HTML 8Page - Texas Instruments AMC1203 Datasheet HTML 9Page - Texas Instruments AMC1203 Datasheet HTML 10Page - Texas Instruments AMC1203 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
8
7
6
5
V
DD2
MCLK
MDAT
GND2
V
DD1
V
IN+
V
IN-
GND1
AMC1203
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND2
NC
V
DD2
MCLK
NC
MDAT
NC
GND2
V
DD1
V
IN+
V
IN-
GND1
NC
NC
NC
GND1
AMC1203
AMC1203
SBAS427 – FEBRUARY 2008
DUB or PSA(1) PACKAGE
DW PACKAGE(1)
SO-8 Gull-Wing or SO-8
SO-16
(TOP VIEW)
(TOP VIEW)
(1)
PSA package available in late 2008.
Table 1. SO-8 PIN CONFIGURATION
PIN
NO.
NAME DESCRIPTION
(1)
DW package available in 2008.
1
VDD1
Analog power supply
2
VIN+
Noninverting analog input
Table 2. SO-16 PIN CONFIGURATION
3
VIN–
Inverting analog input
PIN
4
GND1 Analog ground
NO.
NAME DESCRIPTION
5
GND2 Digital ground
1
VDD1
Analog power supply
6
MDAT Modulator data output
2
VIN+
Noninverting analog input
7
MCLK Modulator clock output
3
VIN–
Inverting analog input
8
VDD2
Digital power supply
4, 8(1)
GND1 Analog ground
5, 6, 7,
No internal connection—can be tied to any
10, 12,
NC
potential or left unconnected
15
9,
GND2 Digital ground
16(1)
11
MDAT Modulator data output
13
MCLK Modulator clock output
14
VDD2
Digital power supply
(1)
Both pins are connected internally via a low-impedance path;
thus only one of the pins must be tied to the ground plane.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AMC1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com