Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 10Page - Texas Instruments AMC1203 Datasheet HTML 11Page - Texas Instruments AMC1203 Datasheet HTML 12Page - Texas Instruments AMC1203 Datasheet HTML 13Page - Texas Instruments AMC1203 Datasheet HTML 14Page - Texas Instruments AMC1203 Datasheet HTML 15Page - Texas Instruments AMC1203 Datasheet HTML 16Page - Texas Instruments AMC1203 Datasheet HTML 17Page - Texas Instruments AMC1203 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.ti.com
THEORY OF OPERATION
MODULATOR
ANALOG INPUT
V
REF
X
4
X
6
Integrator2
Comparator
f
CLK
DATA
DAC
X
3
X
2
X
(t)
f
S
Integrator1
AMC1203
SBAS427 – FEBRUARY 2008
The differential analog input of the AMC1203 is
There are two restrictions on the analog input signals,
implemented with a switched-capacitor circuit. This
VIN+ and VIN–. If the input voltage exceeds the range
switched-capacitor circuit implements a 2nd-order
GND – 0.3V to VDD + 0.3V, the input current must be
modulator stage that digitizes the input signal into a
limited to 10mA, because the input protection diodes
1-bit output stream. The internally-generated clock
on the front end of the converter begin to turn on. In
signal
(sourcing
the
capacitor
circuit
and
the
addition, the linearity and the noise performance of
modulator) is available as an output signal on the
the device is ensured only when the differential
MCLK pin. The analog input signal is continuously
analog voltage resides within ±280mV.
sampled by the modulator and compared to an
internal voltage reference. A digital stream, accurately
representing the analog input voltage over time,
The
modulator
topology
of
the
AMC1203
is
appears at the output of the converter.
fundamentally
a
2nd-order,
switched-capacitor,
delta-sigma
modulator,
such
as
the
one
conceptualized in Figure 24. The analog input voltage
The input design topology of the AMC1203 is based
(X(t)) and the output of the 1-bit digital-to-analog
on a fully-differential, switched-capacitor architecture
converter (DAC) are differentiated, providing an
with a dynamic input impedance of 28k
Ω at 10MHz,
analog voltage (X2) at the input of the first integrator
as Figure 1 shows. This input stage provides the
or modulator stage. The output of the first integrator
mechanism to achieve low system noise, high
is further differentiated with the DAC output, and the
common-mode
rejection
(92dB),
and
excellent
resulting voltage (X3) feeds the input of the second
power-supply rejection.
integrator stage. When the value of the integrated
signal (X4) at the output of the second stage equals
The input impedance becomes a consideration in
the comparator reference voltage, the output of the
designs with high input-signal source impedance.
comparator switches from high to low, or vice versa,
This high-impedance may cause degradation in gain,
depending on its previous state. In this case, the 1-bit
linearity, and THD. The importance of this effect,
DAC responds on the next clock pulse by changing
however,
depends
on
the
desired
system
its analog output voltage (X6), causing the integrators
performance.
to progress in the opposite direction, while forcing the
value of the integrator output to track the average of
the input.
Figure 24. Block Diagram of the 2nd-Order Modulator
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AMC1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com