Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 14Page - Texas Instruments AMC1203 Datasheet HTML 15Page - Texas Instruments AMC1203 Datasheet HTML 16Page - Texas Instruments AMC1203 Datasheet HTML 17Page - Texas Instruments AMC1203 Datasheet HTML 18Page - Texas Instruments AMC1203 Datasheet HTML 19Page - Texas Instruments AMC1203 Datasheet HTML 20Page - Texas Instruments AMC1203 Datasheet HTML 21Page - Texas Instruments AMC1203 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
www.ti.com
ISOLATION GLOSSARY
Insulation:
Pollution Degree:
Installation Category:
AMC1203
SBAS427 – FEBRUARY 2008
Creepage Distance: The shortest path between two
the leakage current produces an overvoltage at the
conductive input to output leads measured along the
site of the discontinuity, and an electric spark is
surface of the insulation. The shortest distance path
generated. These sparks often cause carbonization
is found around the end of the package body.
on insulation material and lead to a carbon track
between points of different potential. This process is
known as tracking.
Operational insulation—Insulation needed for the
correct operation of the equipment.
Basic
insulation—Insulation
to
provide
basic
protection against electric shock.
Clearance: The shortest distance between two
conductive input to output leads measured through air
Supplementary
insulation—Independent
insulation
(line of sight).
applied in addition to basic insulation in order to
ensure protection against electric shock in the event
of a failure of the basic insulation.
Double insulation—Insulation comprising both basic
and supplementary insulation.
Reinforced insulation—A single insulation system that
provides a degree of protection against electric shock
equivalent to double insulation.
Input-to Output Barrier Capacitance: The total
capacitance between all input terminals connected
Pollution
Degree
1—No
pollution,
or
only
dry,
together, and all output terminals connected together.
nonconductive pollution occurs. The pollution has no
Input-to Output Barrier Resistance: The total
influence on device performance.
resistance between all input terminals connected
Pollution Degree 2—Normally, only nonconductive
together, and all output terminals connected together.
pollution occurs. However, a temporary conductivity
Primary Circuit: An internal circuit directly connected
caused by condensation is to be expected.
to an external supply mains or other equivalent
Pollution Degree 3—Conductive pollution, or dry
source that supplies the primary circuit electric power.
nonconductive pollution that becomes conductive
Secondary
Circuit:
A
circuit
with
no
direct
because of condensation, occurs. Condensation is to
connection to primary power that derives its power
be expected.
from a separate isolated source.
Pollution Degree 4 – Continuous conductivity occurs
Comparative Tracking Index (CTI): CTI is an index
as a result of conductive dust, rain, or other wet
used for electrical insulating materials. It is defined as
conditions.
the numerical value of the voltage that causes failure
by tracking during standard testing. Tracking is the
process that produces a partially conducting path of
Overvoltage Category—This section is directed at
localized deterioration on or through the surface of an
insulation coordination by identifying the transient
insulating material as a result of the action of electric
overvoltages that may occur, and by assigning four
discharges on or close to an insulation surface. The
different levels as indicated in IEC 60664.
higher CTI value of the insulating material, the
I: Signal Level: Special equipment or parts of
smaller the minimum creepage distance.
equipment.
Generally,
insulation
breakdown
occurs
either
II: Local Level: Portable equipment, etc.
through the material, over its surface, or both.
III: Distribution Level: Fixed installation.
Surface failure may arise from flashover or from the
progressive degradation of the insulation surface by
IV: Primary Supply Level: Overhead lines, cable
small localized sparks. Such sparks are the result of
systems.
the
breaking
of
a
surface
film
of
conducting
Each category should be subject to smaller transients
contaminant on the insulation. The resulting break in
than the previous category.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AMC1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com