Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 7Page - Texas Instruments AMC1203 Datasheet HTML 8Page - Texas Instruments AMC1203 Datasheet HTML 9Page - Texas Instruments AMC1203 Datasheet HTML 10Page - Texas Instruments AMC1203 Datasheet HTML 11Page - Texas Instruments AMC1203 Datasheet HTML 12Page - Texas Instruments AMC1203 Datasheet HTML 13Page - Texas Instruments AMC1203 Datasheet HTML 14Page - Texas Instruments AMC1203 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
0
2
4
6
8
12
14
16
18
20
10
Frequency(kHz)
0
-20
-40
-60
-80
-100
-120
-140
0
2
4
6
8
12
14
16
18
20
10
Frequency(kHz)
0
-20
-40
-60
-80
-100
-120
-140
100
1k
10k
100k
1M
f
(Hz)
IN
120
110
100
90
80
With
Sinc Filter
3
Without
Filter
100
1k
10k
100k
Frequency(Hz)
110
100
90
80
70
60
50
40
4.50
5.50
5.25
5.00
4.75
V
(V)
DD1
10.40
10.35
10.30
10.25
10.20
10.15
10.10
10.05
10.00
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
10.5
10.4
10.3
10.2
10.1
10.0
AMC1203
SBAS427 – FEBRUARY 2008
TYPICAL CHARACTERISTICS (continued)
At VDD1 = VDD2 = 5V, VIN+ = –280mV to +280mV, VIN– = 0V, and sinc
3 filter with OSR = 256, unless otherwise noted.
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(4096 Point FFT, fIN = 500Hz, 0.56VPP)
(4096 Point FFT, fIN = 1kHz, 0.56VPP)
Figure 15.
Figure 16.
COMMON-MODE REJECTION RATIO
POWER-SUPPLY REJECTION RATIO
vs INPUT SIGNAL FREQUENCY
vs FREQUENCY
Figure 17.
Figure 18.
INTERNAL CLOCK FREQUENCY
INTERNAL CLOCK FREQUENCY
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 19.
Figure 20.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): AMC1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com