Electronic Components Datasheet Search
  English  ▼

X  

AMC1203 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1203 Datasheet HTML 5Page - Texas Instruments AMC1203 Datasheet HTML 6Page - Texas Instruments AMC1203 Datasheet HTML 7Page - Texas Instruments AMC1203 Datasheet HTML 8Page - Texas Instruments AMC1203 Datasheet HTML 9Page - Texas Instruments AMC1203 Datasheet HTML 10Page - Texas Instruments AMC1203 Datasheet HTML 11Page - Texas Instruments AMC1203 Datasheet HTML 12Page - Texas Instruments AMC1203 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
-300
-200
-100
100
200
300
V
(mV)
IN
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
3
2
1
0
-1
-2
-3
4.50
5.50
5.25
5.00
4.75
V
(V)
DD1
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
1
10
100
1000
10000
OSR
18
16
14
12
10
8
6
4
2
0
Sinc Filter
3
Sinc Filter
2
SincFilter
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
AMC1203
SBAS427 – FEBRUARY 2008
At VDD1 = VDD2 = 5V, VIN+ = –280mV to +280mV, VIN– = 0V, and sinc
3 filter with OSR = 256, unless otherwise noted.
INTEGRAL NONLINEARITY
INTEGRAL NONLINEARITY
vs INPUT SIGNAL AMPLITUDE
vs TEMPERATURE
Figure 3.
Figure 4.
OFFSET ERROR
OFFSET ERROR
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 5.
Figure 6.
GAIN ERROR
EFFECTIVE NUMBER OF BITS
vs TEMPERATURE
vs OVERSAMPLING RATIO
Figure 7.
Figure 8.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): AMC1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com