Electronic Components Datasheet Search
  English  ▼

X  

DIA1413 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIA1413 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
I
Multiple channel ±1°C Temperature Sensors
with Beta Compensation
Features
Wide supply voltage range: 3.0 V to 3.6 V
Up to three external temperature monitors
−
Maximum inaccuracy of ±1°C
(20°C ~ 110°C)
−
12-bit resolution: 0.0625°C
−
Two external temperature monitors for
DIA1413
−
Three external temperature monitors for
DIA1414
One internal temperature monitor
−
Maximum inaccuracy of ±1°C
(20°C ~ 110°C)
−
12-bit resolution: 0.0625°C
Resistance Error Correction
Automatic BJT type detection
Programmable High Limit and Low Limit (
_____
ALERT
pin)
Programmable Therm Limit (
______
THERM/ADDR pin)
Programmable SMBus (or I2C) address
−
1001_100(r/
_
w): DIA1413A/1414A
−
0011_000(r/
_
w): DIA1413B
−
Selectable by
______
THERM /ADDR pull-up
resistance: DIA1413C/1414C
Operating temperature range: -40°C to 125°C
Applications
Automotive ADAS system
Automotive infotainment system
Processor temperature monitoring
Package Information
Part Number
Package
Body Size
DIA1413/
DIA1414
MSOP-10
3 mm × 3 mm
DFN-10
3 mm × 3 mm
Description
The DIA1413/1414 are high-precision sensor chips
for
temperature
monitoring
in
automotive
sub-systems. The DIA1413/1414 achieve an
inaccuracy of ±1°C even in complex application
environments by utilizing advanced methods,
including Resistance Error Correction (REC),
Dynamic Element Matching, Automatic BJT Type
Detection and Automatic Beta Detection and
Compensation.
The DIA1413 monitors three temperatures channels.
And the DIA1414 monitors four temperature channels.
The DIA1413/1414 are compatible with the System
Management Bus (SMBus) and Inter-Integrated
Circuit (I2C) communication protocol.
The DIA1413/1414 can operate at ambient
temperatures of -40°C ~ 125°C and have
programmable High, Low, and Therm Limit for
over-temperature alarm. In addition, the device can
also detect erroneous states.
Simplified Schematic


Similar Part No. - DIA1413

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA1411 DIOO-DIA1411 Datasheet
1,000Kb / 27P
Temperature Sensor with I2C and SMBus Interface
Sep 2025
DIA1411MP8 DIOO-DIA1411MP8 Datasheet
1,000Kb / 27P
Temperature Sensor with I2C and SMBus Interface
Sep 2025
DIA1412 DIOO-DIA1412 Datasheet
1Mb / 34P
Multiple Channel ±1°C Temperature Sensor
Jul 2024
DIA1412AMP8 DIOO-DIA1412AMP8 Datasheet
1Mb / 34P
Multiple Channel ±1°C Temperature Sensor
Jul 2024
DIA1412CMP8 DIOO-DIA1412CMP8 Datasheet
1Mb / 34P
Multiple Channel ±1°C Temperature Sensor
Jul 2024
More results

Similar Description - DIA1413

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
logo
Maxim Integrated Produc...
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
logo
SMSC Corporation
EMC1413 SMSC-EMC1413 Datasheet
897Kb / 52P
Multiple Channel 1 Temperature Sensors with Beta Compensation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com