Electronic Components Datasheet Search
  English  ▼

X  

DIA1413 Datasheet(PDF) 30 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413 Datasheet(HTML) 30 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 34Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
26
2
E2FLT
This bit will be set if the external channel 2 is detected a fault.
1
E1FLT
This bit will be set if the external channel 1 is detected a fault.
0
Reserved
Do not use.
12.10. Channel mask register
The channel mask register is used to determine whether the individual channel is masked or not. When a
channel is masked, the
_____
ALERT pin will not be asserted even when the masked channel detects a fault or out of
limit error. Note that the channel mask can only mask the
_____
ALERT pin in the interrupt mode. No matter the
channel mask bit is set or not, the status registers will be updated normally.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
1Fh
R/W
Channel
mask
Reserved
E3
MASK
E2
MASK
E1
MASK
INT
MASK
00h
Note: R = Read. W = Write.
Bit
Name
Value
Description
7:4
Reserved
Do not use.
3
E3MASK
(DIA1413)
0
(default)
The external channel 3 mask is disabled.
1
The external channel 3 mask is enabled.
2
E2MASK
0
(default)
The external channel 2 mask is disabled.
1
The external channel 2 mask is enabled.
1
E1MASK
0
(default)
The external channel 1 mask is disabled.
1
The external channel 1 mask is enabled.
0
INTMASK
0
(default)
The internal channel mask is disabled.
1
The internal channel mask is enabled.
12.11. Consecutive ALERT register
The consecutive ALERT register is used to choose how many times an out-of-limit (≥ High Limit or < Low Limit)
condition or fault condition have been detected in consecutive measurements before the
_____
ALERT or
______
THERM /ADDR pin is asserted. Additionally, the TIMEOUT bit (B7) is used to enable or disable the SMBus
timeout.
When an out-of-limit condition or fault condition is detected on the same temperature channel in consecutive
measurements, the consecutive alert counter for that channel will be increased by 1. Each counter will be reset if
no out-of-limit condition or fault condition occurs in a consecutive measurement.
When the
_____
ALERT pin is configured in the interrupt mode, if any consecutive alert counter reaches its
programmed value, the STATUS bit for the corresponding channel and the last out-of-limit condition or fault
condition will be set to ‘1’. And the
_____
ALERT pin will be asserted. Then the consecutive alert counter will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com