Electronic Components Datasheet Search
  English  ▼

X  

DIA1413 Datasheet(PDF) 36 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413 Datasheet(HTML) 36 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 34Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 35Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 36Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 37Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 38Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 39Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
32
0
ITHERM
This bit will be set if the measured temperature of internal channel exceeds the Therm Limit for the
programmed number of times in a consecutive measurements.
12.17. Product ID register
The product ID register holds a specific value that identifies the device.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
FDh
R
Product ID
(DIA1413)
1
0
1
1
0
0
1
1
B3h
FDh
R
Product ID
(DIA1414)
1
0
1
1
0
1
1
1
B7h
Note: R = Read.
12.18. Manufacturer ID register
The manufacturer ID register contains an 8-bit word that identifies the DIOO as the manufacturer of the
DIA1413/1414.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
FEh
R
DIOO ID
1
1
0
1
1
0
1
0
DAh
Note: R = Read.
12.19. Revision register
The revision register contains an 8-bit word that identifies the die revision.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
FFh
R
Revision
0
0
0
0
0
1
0
1
05h
Note: R = Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com