Electronic Components Datasheet Search
  English  ▼

X  

DIA1413 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
2
Table 2. Pin types
Pin Type
Description
Power
This pin is used to supply power or ground to the device.
AIO
Analog input/output. This pin is used as an I/O for analog signals.
DI
Digital input. This pin is used as a digital input. This pin is 5 V tolerant.
DIOD
Digital input/open-drain output. This pin is used as a digital I/O. When it is used as an output, it is open
drain and requires a pull-up resistor. This pin is 5 V tolerant.
OD
Open-drain digital output. This pin is used as a digital output. It is open-drain and requires a pull-up
resistor. This pin is 5 V tolerant.
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply voltage
-0.3
4
V
V5VT_pin
Voltage on 5 V tolerant pins (SMCLK, SMDATA,
______
THERM/ADDR, and
______
ALERT )
-0.3
5.5
V
|V5VT_pin - VDD|
Voltage on 5 V tolerant pins (SMCLK, SMDATA,
______
THERM/ADDR, and
______
ALERT ) (Note)
0
3.6
V
Vpin
Voltage on any other pin to ground
-0.3
VDD + 0.3
V
TA
Operating temperature range
-40
125
°C
TSTG
Storage temperature range
-55
150
°C
TL
Lead temperature range
Refer to JEDEC spec. J-STD-020
Note: For the 5 V tolerant pins that have a pull-up resistor (SMCLK, SMDATA,
______
THERM/ADDR, and
______
ALERT ), the pull-up
voltage must not exceed 3.6 V when the device is unpowered.
3. Recommended Operating Condition
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications.
The ratings are obtained over an operating free-air temperature range unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply voltage
3.0
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com