Electronic Components Datasheet Search
  English  ▼

X  

DIA1413 Datasheet(PDF) 38 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413 Datasheet(HTML) 38 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 34Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 35Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 36Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 37Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 38Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 39Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
34
13.2. DFN3*3-10
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
0.80
0.85
0.90
A1
0.00
-
0.05
A3
0.203 REF
A3s
0.08
-
-
b
0.18
0.24
0.30
D
2.90
3.00
3.10
E
2.90
3.00
3.10
D2
1.50
1.60
1.70
E2
2.25
2.35
2.45
e
0.40
0.50
0.60
H
0.35 REF
K
0.20
-
-
L
0.30
0.40
0.50
Ls
0.01
0.05
0.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com