Electronic Components Datasheet Search
  English  ▼

X  

DIA1413 Datasheet(PDF) 37 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413 Datasheet(HTML) 37 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 34Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 35Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 36Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 37Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 38Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 39Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
33
13.Physical Dimensions
13.1. MSOP-10
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
-
-
1.10
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
A3
0.30
0.35
0.40
b
0.18
-
0.27
b1
0.17
0.20
0.23
c
0.15
-
0.20
c1
0.14
0.15
0.16
D
2.90
3.00
3.10
E
4.75
4.90
5.05
E1
2.90
3.00
3.10
e
0.40
0.50
0.60
L
0.40
0.55
0.70
L1
0.95 REF
L2
0.25 BSC
R
0.07
-
-
R1
0.07
-
-
Θ
0°
-
8°
Θ1
9°
12°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com