Electronic Components Datasheet Search
  English  ▼

X  

DIA7976 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIA7976 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
500 mA, High-Accuracy LDO with
Power-Good for Automotive Application
Features
AEC-Q100 qualified:
−
Device ambient temperature:
-40°C ≤ TA ≤ 125°C
−
Device junction temperature:
-40°C ≤ TJ ≤ 150°C
Operating input voltage range: 1.7 V to 6.0 V
Operating output voltage range:
−
Fixed options: 0.65 V to 5.0 V
−
Adjustable option: 0.55 V to 5.5 V
High PSRR: 64 dB at 1 kHz
Power-good output options:
−
Open-drain:DIA7976AO and DIA7976BO
−
Push-pull: DIA7976AP and DIA7976BP
Output accuracy:
−
±1% at TA = 25°C
−
±1.5% at -40°C ≤ TA ≤ 85°C
−
±2% at -40°C ≤ TA≤ 125°C
Ultra-low dropout:
−
150 mV at 500 mA, VOUT = 3.3 V
Low quiescent current:
−
27 µA typical at no load
−
100 nA shutdown mode typical current
Active output discharge: DIA7976A
Non-active output discharge: DIA7976B
Stable with a 1 µF or larger capacitor
Applications
Automotive head units
Front and rear cameras
Automotive cluster displays
Telematics control units
Medium, short range radar
Package Information
Part Number
Package
Body Size
DIA7976
DFN6
2 mm × 2 mm
DFN8
3 mm × 3 mm
SOT23-5
2.9 mm × 1.6 mm
Description
The DIA7976 is a 500 mA ultra-low-dropout regulator
with power-good function. The DIA7976 is designed
for applications requiring low quiescent current and
provides fast line and load transient performance.
Additionally, DIA7976 features high Power Supply
Ripple Rejection (PSRR) at up to 500 mA.
The DIA7976 operates with an input voltage range
from 1.7 V to 6.0 V and the output voltage is
adjustable from 0.55 V to 5.5 V.
The DIA7976 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
An error amplifier and precision band-gap provide an
accuracy of ±2% over temperature. The DIA7976
helps reduce the thermal dissipation during
short-circuit events with internal short-current limit.
The device also contains integrated thermal
shutdown, current limit, and undervoltage lockout
(UVLO) features.
Simplified Schematic


Similar Part No. - DIA7976

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA7965 DIOO-DIA7965 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
DIA7965AAAEN4 DIOO-DIA7965AAAEN4 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
DIA7965AAAST5 DIOO-DIA7965AAAST5 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
DIA7965BAAEN4 DIOO-DIA7965BAAEN4 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
DIA7965BAAST5 DIOO-DIA7965BAAST5 Datasheet
1Mb / 18P
Automotive 500 mA, High PSRR Low IQ LDO
Dec 2023
More results

Similar Description - DIA7976

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
logo
ON Semiconductor
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCV8537 ONSEMI-NCV8537 Datasheet
1Mb / 16P
500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7B70-Q1 TI1-TPS7B70-Q1 Datasheet
1,009Kb / 22P
Automotive, 300-mA, 40-V, Low-IQ LDO With Power Good
TPS7B70-Q1 TI1-TPS7B70-Q1_18 Datasheet
1Mb / 26P
Automotive, 300-mA, 40-V, Low-IQ LDO With Power Good
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com