Electronic Components Datasheet Search
  English  ▼

X  

DIA7976 Datasheet(PDF) 17 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976 Datasheet(HTML) 17 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
12
9. Function Description
9.1.Overview
The DIA7976 is a low-dropout regulator (LDO) that consumes a low quiescent current and delivers an
excellent line and load transient performance. These characteristics, combined with low noise and high
PSRR with low dropout voltage, make this device ideal for automotive applications.
This regulator offers short-current limit, shutdown, and thermal protection. The operating junction temperature
for this device is -40°C to 150°C.
9.2.Undervoltage lockout (UVLO)
The DIA7976 contains an undervoltage lockout (UVLO) circuit that ensures that the device is functional when the
supply voltage is lower than the operational range of the internal circuitry, which disables the output until the
input voltage is greater than the rising UVLO voltage (VUVLO). When VIN is less than VUVLO, the output is
connected to the ground with a pulldown resistor (RPULLDOWN). When the device enters UVLO, the PG output is
pulled low.
9.3.Shutdown
The enable pin (EN) is active high. Forcing the EN pin to exceed VEN(HI) will enable the device forcing the EN pin
to drop below VEN(LO) will turn off the device. Connect EN to IN when shutdown capability is not required. The PG
output pin is pulled low when the device is disabled. The DIA7976 has an internal pulldown MOSFET that
connects an RPULLDOWN resistor to the ground when the device is disabled. Output capacitance (COUT) and the
load resistance (RL) in parallel with the pulldown resistor (RPULLDOWN ) decide the discharge time after disabling.
The equation below calculates the time constant:
T = ( RPULLDOWN × RL)/(RPULLDOWN + RL) × COUT
(1)
9.4.Current limit
The device is protected during transient high-load current faults or shorting events by an internal current limit
circuit. The current limit is a hybrid scheme that transitions from a current-limit scheme to a short-limit scheme at
the voltage about 0.3 V. When the output is shorted, the device supplies a typical current called the short-circuit
current limit (ISC). In a high-load current fault with the output voltage above 0.3 V, the current-limit scheme limits
the output current to ICL. When the voltage drops below 0.3 V, a short-current limit activates that scales back the
current as the output voltage approaches GND.
When the device is within the current limit, the output voltage is not regulated. The device begins to heat up
when a current limit event occurs, and if a thermal shutdown is triggered, the device turns off. When the device is
in current-limit, the pass transistor dissipates power [(VIN - VOUT) × ICL]. When the device output is shorted and
the output is below 0.3 V, the pass transistor dissipates power [(VIN - VOUT) × ISC]. The internal thermal shutdown
circuit turns the device back on after the device cools down. The device cycles between the current limit and
thermal shutdown if the output current fault condition continues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com