Electronic Components Datasheet Search
  English  ▼

X  

DIA7976 Datasheet(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976 Datasheet(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
14
protection circuit may turn on and off repeatedly. This cycling helps to limit regulator dissipation and protect the
regulator from overheating damage. Activating the thermal shutdown feature usually indicates excessive power
dissipation as a result of the product of the (VIN - VOUT) voltage and the load current. For reliable operation, limit
junction temperature to 150°C maximum. To estimate the margin of safety in a complete design, increase the
ambient temperature until the thermal protection is triggered, use worst-case loads and signal conditions.
The DIA7976 has a built-in protection circuit that guards against overload conditions. However, it's not meant to
be triggered during regular operation. Running the device continuously into thermal shutdown can harm the
device's reliability.
9.7.Device functional modes
The Device functional modes table shows the conditions that lead to the different modes of operation.
Table 1. Device functional modes
Operating Mode
VIN
VEN
IOUT
TJ
Normal operation
VIN > VOUT(nom) + VDO
and VIN > VIN(min)
VEN > VEN(HI)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Dropout operation
VIN(min) < VIN < VOUT(nom) + VDO
VEN > VEN(HI)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Disabled (any true condition
disables the device)
VIN < VUVLO
VEN < VEN(LOW)
Not applicable
TJ > TSD(shutdown)
Note:
(1) See the Electrical Characteristics table for parameter values.
9.8.Dropout operation
If all conditions are met for normal operation but the input voltage is lower than the nominal output voltage plus
the specified dropout voltage, the device operates in dropout mode. During dropout mode, the output voltage
tracks the input voltage and the transient performance of the device becomes significantly degraded and acts as
a switch Line or load transients in dropout can result in large output-voltage deviations.
When the device is in dropout, VIN < VOUT(NOM) + VDO, directly after being in a normal regulation state, but not
during startup, the pass transistor is driven into the ohmic or triode region. The output voltage can overshoot for
a short period while the device pulls the pass transistor back into the linear region when the input voltage returns
to a value greater than or equal to the nominal output voltage plus the dropout voltage (VOUT(NOM) + VDO).
9.9.Disabled
Shutting down the output of the device will require forcing the voltage of the enable pin to less than the maximum
EN pin low-level input voltage. The pass transistor is turned off internal circuits are shutdown, and the output
voltage is actively discharged to the ground by an internal discharge circuit from the output to the ground, when
the device is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com