Electronic Components Datasheet Search
  English  ▼

X  

DIA7976 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
5
6. Electrical Characteristics
At operating temperature range (TA = -40°C to 125°C), VIN = VOUT(NOM) + VDO or 1.7 V (whichever is greater), IOUT
= 1 mA, VEN = VIN, and CIN = COUT = 1 μF, unless otherwise noted; all typical values are at TA = 25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VFB
Feedback voltage
Adjustable only
0.539
0.55
0.561
V
VOUT
Output accuracy(1)
TA = 25°C
-1
1
%
-40°C ≤ TA ≤ 85°C
-1.5
1.5
%
-40°C ≤ TA ≤ 125°C
-2.0
2.0
%
LineReg
Line regulation
VOUT(NOM) + VDO ≤ VIN(2) ≤ 6.0 V
0.1
0.3
%/V
LoadReg
Load regulation
0.1 mA ≤ IOUT ≤ 500 mA, VIN ≥ 2.0 V
0.04
V/A
IQ
Quiescent current
IOUT = 0 mA
TA = 25°C
27
45
µA
-40°C ≤ TA ≤ 125°C
27
50
ISHDN
Shutdown current
VEN ≤ 0.3 V, 1.7 V ≤ VIN ≤ 6.0 V,
-40°C ≤ TA ≤ 125°C
0.1
1
µA
IFB
Feedback pin current
Adjustable only
0.01
0.1
µA
ICL
Output current limit
VOUT(NOM) < 1.0 V,
VOUT = VOUT(NOM) - 0.2 V, VIN = 2.0 V
515
720
1000
mA
VOUT(NOM) ≥ 1.0 V, VOUT = VOUT(NOM) × 0.85,
VIN = VOUT(NOM) + 1.0 V
ISC
Short-circuit current
limit
VOUT = 0 V
VOUT(NOM) < 1.0 V,
VIN = 2.0 V
200
300
400
mA
VOUT(NOM) ≥ 1.0 V,
VIN = VOUT(NOM) + 1.0 V
VDO
Dropout voltage
IOUT = 500 mA,
VOUT = 0.95 ×
VOUT(NOM)
VOUT = 1 V
830
mV
VOUT = 1.2 V
650
VOUT = 1.5 V
400
VOUT = 1.8 V
270
VOUT = 2.5 V
185
VOUT = 3.3 V
150
200
VOUT = 3.6 V
118
VOUT = 5.5 V
115
PSRR
Power-supply
rejection ratio
VOUT = 0.55 V,
VIN = 2.0 V,
IOUT = 10 mA,
COUT = 2.2 µF
f = 1 kHz
64
dB
f = 100 kHz
50
f = 1 MHz
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com