Electronic Components Datasheet Search
  English  ▼

X  

DIA7976 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
13
Figure 21. Current limit
9.5.Power-good function (PG)
To indicate the status of the output voltage, the power-good circuit monitors the voltage at the FB pin. If the
output voltage is below PGLTH (PG low threshold), the PG pin open-drain output activates and pulls the PG pin
close to GND. If the output voltage is higher than PGHTH (PG high threshold), then the PG pin will be high
impedance.
A pull-up resistor is needed for the open-drain output. Any downstream device can receive power-good as a
logic signal for sequencing through attaching a pull-up resistor to an external supply. Furthermore, the
open-drain output may be linked to other open-drain outputs to implement AND logic. Check to see if the
external pull-up supply voltage produces a valid logic signal for the receiving device. It is advised to use a pull-up
resistor ranging from 10 kΩ to 100 kΩ. While for push-pull PG option, the pull-up resistor is not needed. The
push-pull PG option has a high logic signal correlating with the output voltage. The push-pull option is only valid
for VOUT ≥ 1 V and please do not link the push-pull output to other logic outputs.
If CFF (feed-forward capacitor) is used, the time constant for the LDO start-up is increased while the time
constant for PG output remains unchanged, which may leading to an invalid PG output. To avoid the situation,
DIOO recommend to ensure the time constant of both LDO start-up and PG output match by adding a capacitor
in parallel with the power-good pull-up resistor.
To make the PG valid, the device should operate above the minimum VIN and PG is asserted, regardless of the
output voltage state when VIN is below VUVLO minus VUVLO, HYST. When VIN falls below about 0.8 V, power-good
device turns on and the power-good output pulls high because of no enough gate drive voltage to keep the
open-drain. This effect can be minimized by connecting the PG pull-up resistor to the output voltage.
9.6.Thermal shutdown
The DIA7976 has a thermal shutdown protection feature that disables the device when the junction temperature
rises to approximately 165°C. This feature helps to reduce the power dissipated by the device, allowing it to cool
down. When the temperature falls to approximately 150°C, the output circuitry is re-enabled. However,
depending on various factors like power dissipation, thermal resistance, and ambient temperature, the thermal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com