Electronic Components Datasheet Search
  English  ▼

X  

DIA7976 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA7976 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
6
VN
Output noise voltage
BW = 10 Hz to 100 kHz,
VOUT = 0.55 V, VIN = 2.0 V
40
µVRMS
VUVLO
Undervoltage lockout
VIN falling
1.17
1.27
1.48
V
VIN rising
1.21
1.32
1.55
VUVLO,
HYST
Undervoltage lockout
hysteresis
VIN hysteresis
50
mV
tSTR
Startup time
From EN low-to-high transition to
VOUT = VOUT(NOM) × 0.95
200
450
800
µs
VEN(HI)
EN pin high voltage
enabled
1
V
VEN(LO)
EN pin low voltage
disabled
0.3
V
IEN
Enable pin current
VIN = VEN = 6.0 V
10
nA
RPULLDOWN
Pulldown resistance
(only for DIA7976A)
VIN = 6.0 V
100
Ω
PGHTH
PG high threshold
VOUT increasing
89
92
96
%VOUT
PGLTH
PG low threshold
VOUT decreasing
86
90
93
%VOUT
PGHYST
PG hysteresis
2
%VOUT
VOL(PG)
PG pin low-level
output voltage
VIN ≥ 1.7 V, ISINK = 1.0 mA
400
mV
VIN ≥ 2.75 V, ISINK = 2.0 mA
VOH(PG)
PG pin high-level
output voltage(3)
VOUT ≥ 1.0 V, ISOURCE = 0.04 mA
0.8 x
VOUT
V
VOUT ≥ 1.4 V, ISOURCE = 0.2 mA
VOUT ≥ 2.5 V, ISOURCE = 0.5 mA
VOUT ≥ 4.5 V, ISOURCE = 1.0 mA
lkg(PG)
PG pin leakage
current(4)
VOUT > PGHTH, VPG = 6.0 V
7
50
nA
TSD
Thermal shutdown
Shutdown, temperature increasing
165
°C
Reset, temperature decreasing
150
tPGDH
PG delay time rising
time from 92% VOUT to 20% of PG(5)
165
µs
tPGDL
PG delay time falling
time from 90% VOUT to 80% of PG(5)
12
Note:
(1) When the device is connected to external feedback resistors at the FB pin, external resistor tolerances are not included.
(2) VIN = 1.7 V for VOUT(NOM) + VDO < 1.7 V.
(3) Push-pull version only. The push-pull option is supported only for VOUT ≥ 1.0 V.
(4) Open-drain version only.
(5) Output overdrive = 10%.
(6) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com