Electronic Components Datasheet Search
  English  ▼

X  

ETA1188 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA1188 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ETA1188
www.etasolution.com
2
Powering Minds of the Smart
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
5
15
14
13
12
11
20
19
18
17
16
6
7
8
9
10
VOUT
PMID
SW
SW
ETA1188
FCQFN3x3 - 20
SCL
BOOT
VOUT
PMID
SW
VIN
ISET
VOUT
PMID
SW
(Note: Exceeding these limits may damage the device.
Exposure to absolute maximum rating conditions for long
periods may affect device reliability.)
IN Voltage to PGND..........................–0.3V to 13.2V
OUT, PMID, SW Voltage to PGND.......–0.3V to 16V
BOOT Voltage to SW......................–0.3V to SW+5V
All Other Pin Voltage to PGND...............–0.3V to 6V
SW, IN, OUT to PGND current........Internally limited
Operating Temperature Range .........–40°C to 85°C
Storage Temperature Range ..........–55°C to 150°C
Thermal Resistance
θJA
FCQFN3X3-20........................30....................oC/W
Lead Temperature (Soldering, 10sec) ...........260°C
ESD HBM (Human Body Mode) ........................2KV
ESD MM (Machine Mode) ..............................200V
ELECTRICAL CHARACTERISTICS
(VIN =3.3V, VOUT=9V, AGND=PGND, unless otherwise specified. Typical values are at TA = 25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNITS
SUPLY CONDITIONS
VIN input voltage range
VIN
2.7
12
V
Input Under-Voltage-
Lock-Out
IN_UVLO
IN rising
2.6
V
UVLO hysteresis
IN_UVLO_HYST
IN falling
0.3
V
Input Over-Voltage-
Protection
IN_OVP
IN rising
12.5
V
IN_OVP Hysteresis
IN_OVP_HYST
IN falling
1
V
Quiescent Current
IQ
EN=Logic High, No
load, No switching
200
μA
Shutdown Supply
Current at VIN
ISD
VEN=GND,
VIN = 4.2V
2
5
μA
Power Good Deglitch
delay
TPG
IN_UVLO < VIN <
IN_OVP
1.5
ms
FREQUENCY CONFIGURATION
Switching Frequency
FREQ
450
kHz
I2C Clock Frequency
Range
FI2C
0.05
3.4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com