Electronic Components Datasheet Search
  English  ▼

X  

ETA1188 Datasheet(PDF) 12 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188 Datasheet(HTML) 12 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA1188 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 12Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 13Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ETA1188
www.etasolution.com
12
Powering Minds of the Smart
OUTPUT CURRENT LIMIT CONFIGURATION
I
5000
( )
ISET
BSTOUT
ISET
V
A
R
=
×
INTERNAL SETTING BY I2C
Beside the external configuration for VOUT and ILIM, ETA1188 provide an I2C protocol to set VOUT and ILIM internally.
Once VOREG_INT[ ] is set to 1 via I2C, there is internal feedback net start run to set VOUT from 3.6V to setting level.
ETA1188 is configured as a slave at I2C address D6xH. Resister map is shown in below table.
BIT
NAME
RESET
RD/WR
FUNCTION
23
REG00: ADDRESS 00xH: INTERNAL CONFIGURATION REGISTER
7
VOREG[8]
0
RD/WR
Internal VOUT Configuration bit: 5120mV
6
VOREG[7]
0
RD/WR
Internal VOUT Configuration bit: 2560mV
5
VOREG[6]
1
RD/WR
Internal VOUT Configuration bit: 1280mV
4
VOREG[5]
0
RD/WR
Internal VOUT Configuration bit: 640mV
3
VOREG[4]
0
RD/WR
Internal VOUT Configuration bit: 320mV
2
VOREG[3]
0
RD/WR
Internal VOUT Configuration bit: 160mV
1
VOREG[2]
1
RD/WR
Internal VOUT Configuration bit: 80mV
0
VOREG[1]
1
RD/WR
Internal VOUT Configuration bit: 40mV
00
REG01: ADDRESS 01xH: INTERNAL CONFIGURATION / CONTROL REGISTER
7
VOREG[0]
0
RD/WR
Internal VOUT Configuration bit: 20mV
6
VOREG_INT
0
RD/WR
Enable internal VOREG setting:
=> 0: Use FB pin to configure VOUT regulation.
=> 1: Use VOREG[8:0] to configure VOUT regulation.
5
IOREG_INT
0
RD/WR
Enable internal IOREG setting:
=> 0: Use ISET pin to configure VOUT current limit.
=> 1: Use IOREG[:] to configure VOUT current limit.
4
IOREG[3]
0
RD/WR
Internal Current Limit Configuration bit: 500mA
3
IOREG[2]
0
RD/WR
Internal Current Limit Configuration bit: 1000mA
2
IOREG[1]
0
RD/WR
Internal Current Limit Configuration bit: 2000mA
1
SLEW<1>
0
RD/WR
VOUT Slew Rate setting
=> 00: 18mV/μs => 01: 9mV/μs
=> 10: 4.5mV/μs => 11: 2.25mV/μs
0
SLEW<0>
0
RD/WR
RECOMMENDATION of INTERNAL VOUT CONFIGURATION
ETA1188 allows to configure VOUT via I2C following setting in Register Map. It is able to configure VOUT from 3.6V to
12V. But ETA1188 always start to regulate with external FB until I2C command is sent. This requires to application
using I2C to set external FB at 5V default to avoid over voltage supply to output connected devices.
Internal configuration also burns more supply current from VIN in no load condition, so thus to avoid waste dissipation
from VIN in application, it is strong recommended to disable internal configuration when load disconnected or even in
no load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com